Electronic Components Datasheet Search
  English  ▼

X  

TRV Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # TRV
Description  CHIP ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TRV Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  TRV Datasheet HTML 1Page - RUBYCON CORPORATION TRV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
12.5
12.5
16
16
18
18
L
13.5
16
16.5
21.5
16.5
21.5
A1
13
13
17
17
19
19
B1
13
13
17
17
19
19
C
4.9
4.9
6
6
7
7
W1
0.8∼1.1
0.8∼1.1
1.0∼1.6
1.0∼1.6
1.0∼1.6
1.0∼1.6
K
0.7±0.4
0.7±0.4
0.7±0.4
0.7±0.4
0.7±0.4
0.7±0.4
P
4.5
4.5
6.8
6.8
6.8
6.8
α
0.5
8 10.5 8.3 8.3 2.9 0.8∼1.1
0.5Max
3.1
0
10 10.5 10.3 10.3 3.2 0.8∼1.1
0.5Max
4.5
0
6.3 6.1 6.6 6.6 2.7 0.5∼0.8
0.5Max
1.8
0
6.3
8
6.6 6.6 2.7 0.5∼0.8
0.5Max
1.8
0
0.5
0.5
0.5
0.5
0.5
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
TRV
6.3
10
16
Ripple
Impedance
470
820
2200
2700
3900
5600
6800
8200
330
680
1800
2200
3300
4700
5600
6800
330
470
1500
1800
2200
3300
4700
5600
600
850
950
1200
1450
1550
2000
2150
600
850
950
1200
1450
1550
2000
2150
600
850
950
1200
1450
1550
2000
2150
0.15
0.12
0.092
0.074
0.066
0.064
0.041
0.039
0.15
0.12
0.092
0.074
0.066
0.064
0.041
0.039
0.15
0.12
0.092
0.074
0.066
0.064
0.041
0.039
8×10.5
10×10.5
12.5×13.5
12.5×16
16×16.5
18×16.5
16×21.5
18×21.5
8×10.5
10×10.5
12.5×13.5
12.5×16
16×16.5
18×16.5
16×21.5
18×21.5
8×10.5
10×10.5
12.5×13.5
12.5×16
16×16.5
18×16.5
16×21.5
18×21.5
Size
(φDXL)
Cap
(μF)
Vdc
25
35
50
Ripple
Impedance
100
220
330
1000
1200
1500
2200
2700
3300
10
22
33
47
100
220
470
680
1000
1500
2200
2700
10
33
47
100
330
390
470
820
1000
1500
230
600
850
950
1200
1450
1550
2000
2150
140
140
140
230
600
850
950
1200
1450
1550
2000
2150
140
230
350
670
850
950
1200
1300
1600
1650
0.7
0.15
0.12
0.092
0.074
0.066
0.064
0.041
0.039
1
1
1
0.7
0.15
0.12
0.092
0.074
0.066
0.064
0.041
0.039
1
0.7
0.36
0.25
0.18
0.15
0.12
0.12
0.08
0.072
6.3×8
8×10.5
10×10.5
12.5×13.5
12.5×16
16×16.5
18×16.5
16×21.5
18×21.5
6.3×6.1
6.3×6.1
6.3×6.1
6.3×8
8×10.5
10×10.5
12.5×13.5
12.5×16
16×16.5
18×16.5
16×21.5
18×21.5
6.3×6.1
6.3×8
8×10.5
10×10.5
12.5×13.5
12.5×16
16×16.5
18×16.5
16×21.5
18×21.5
Size
(φDXL)
Cap
(μF)
Vdc
Size φDXL(mm), Rated Ripple Current(mA r.m.s./105℃,100kHz), Impedance(Ω MAX/20℃, 100kHz)
◆STANDARD SIZE
L+α MAX
0.3MAX
A1
±0.2
W1
K



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com