Electronic Components Datasheet Search
  English  ▼

X  

16F628 Datasheet(PDF) 147 Page - Microchip Technology

Part # 16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 Datasheet(HTML) 147 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 143Page - Microchip Technology 16F628 Datasheet HTML 144Page - Microchip Technology 16F628 Datasheet HTML 145Page - Microchip Technology 16F628 Datasheet HTML 146Page - Microchip Technology 16F628 Datasheet HTML 147Page - Microchip Technology 16F628 Datasheet HTML 148Page - Microchip Technology 16F628 Datasheet HTML 149Page - Microchip Technology 16F628 Datasheet HTML 150Page - Microchip Technology 16F628 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 145
PIC16F627A/628A/648A
FIGURE 17-10:
CAPTURE/COMPARE/PWM TIMINGS
TABLE 17-8:
CAPTURE/COMPARE/PWM REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
50
TccL CCP
input low time
No Prescaler
0.5T
CY + 20*
—
—
ns
With Prescaler
PIC16F62X
10*
—
—
ns
PIC16LF62X
20*
—
—
ns
51
TccH CCP
input high time
No Prescaler
0.5T
CY + 20*
—
—
ns
With Prescaler
PIC16F62X
10*
—
—
ns
PIC16LF62X
20*
—
—
ns
52
TccP CCP input period
3T
CY + 40*
N
—
—
ns
N = prescale
value (1,4 or 16)
53
TccR CCP output rise time
PIC16F62X
10
25*
ns
PIC16LF62X
25
45*
ns
54
TccF CCP output fall time
PIC16F62X
10
25*
ns
PIC16LF62X
25
45*
ns
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
(CAPTURE MODE)
50
51
52
53
54
RB3/CCP1
(COMPARE OR PWM MODE)
RB3/CCP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com