Electronic Components Datasheet Search
  English  ▼

X  

TC1426 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1426
Description  1.2A Dual High-Speed MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1426 Datasheet(HTML) 3 Page - Microchip Technology

  TC1426 Datasheet HTML 1Page - Microchip Technology TC1426 Datasheet HTML 2Page - Microchip Technology TC1426 Datasheet HTML 3Page - Microchip Technology TC1426 Datasheet HTML 4Page - Microchip Technology TC1426 Datasheet HTML 5Page - Microchip Technology TC1426 Datasheet HTML 6Page - Microchip Technology TC1426 Datasheet HTML 7Page - Microchip Technology TC1426 Datasheet HTML 8Page - Microchip Technology TC1426 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2002 Microchip Technology Inc.
DS21393B-page 3
TC1426/TC1427/TC1428
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage..................................................... +18V
Input Voltage, Any Terminal
................................... VDD + 0.3V to GND – 0.3V
Power Dissipation (TA ≤ 70°C)
PDIP ........................................................ 730mW
SOIC........................................................ 470mW
Derating Factor
PDIP ........................................................8mW/
°C
SOIC........................................................4mW/
°C
Operating Temperature Range
C Version .........................................0°C to +70°C
Storage Temperature Range ............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1426/TC1427/TC1428 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = +25°C, with 4.5V ≤ VDD ≤ 16V, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
3
——
V
VIL
Logic 0, Low Input Voltage
——
0.8
V
IIN
Input Current
-1
—
1
µA0V ≤ VIN ≤ VDD
Output
VOH
High Output Voltage
VDD – 0.025
——
V
Figure 3-1, Figure 3-2
VOL
Low Output Voltage
——
0.025
V
Figure 3-1, Figure 3-2
RO
Output Resistance
—
—
12
8
18
12
Ω
IOUT = 10mA, VDD = 16V
IPK
Peak Output Current
—
1.2
—
A
IREV
Latch-Up Current
Withstand Reverse Current
—
>500
—
mA
Switching Time (Note 1)
tR
Rise Time
——
35
nsec
Figure 3-1, Figure 3-2
tF
Fall Time
——
25
nsec
Figure 3-1, Figure 3-2
tD1
Delay Time
——
75
nsec
Figure 3-1, Figure 3-2
tD2
Delay Time
——
75
nsec
Figure 3-1, Figure 3-2
Power Supply
IS
Power Supply Current
—
—
—
—
9
0.5
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note
1:
Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com