Electronic Components Datasheet Search
  English  ▼

X  

TC1426 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1426
Description  1.2A Dual High-Speed MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1426 Datasheet(HTML) 4 Page - Microchip Technology

  TC1426 Datasheet HTML 1Page - Microchip Technology TC1426 Datasheet HTML 2Page - Microchip Technology TC1426 Datasheet HTML 3Page - Microchip Technology TC1426 Datasheet HTML 4Page - Microchip Technology TC1426 Datasheet HTML 5Page - Microchip Technology TC1426 Datasheet HTML 6Page - Microchip Technology TC1426 Datasheet HTML 7Page - Microchip Technology TC1426 Datasheet HTML 8Page - Microchip Technology TC1426 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1426/TC1427/TC1428
DS21393B-page 4
 2002 Microchip Technology Inc.
TC1426/TC1427/TC1428 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Over operating temperature range with 4.5V
≤ VDD ≤ 16V, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
3
——
V
VIL
Logic 0, Low Input Voltage
——
0.8
V
IIN
Input Current
-10
—
10
µA0V ≤ VIN ≤ VDD
Output
VOH
High Output Voltage
VDD – 0.025
——
V
Figure 3-1, Figure 3-2
VOL
Low Output Voltage
——
0.025
V
Figure 3-1, Figure 3-2
RO
Output Resistance
—
—
15
10
23
18
Ω
IOUT = 10mA, VDD = 16V
IREV
Latch-Up Current
Withstand Reverse Current
—
>500
—
mA
Switching Time (Note 1)
tR
Rise Time
——
60
nsec
Figure 3-1, Figure 3-2
tF
Fall Time
——
40
nsec
Figure 3-1, Figure 3-2
tD1
Delay Time
——
125
nsec
Figure 3-1, Figure 3-2
tD2
Delay Time
——
125
nsec
Figure 3-1, Figure 3-2
Power Supply
IS
Power Supply Current
—
—
—
—
13
0.7
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note
1:
Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com