Electronic Components Datasheet Search
  English  ▼

X  

LP38858 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP38858
Description  1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38858 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38858 Datasheet HTML 7Page - Texas Instruments LP38858 Datasheet HTML 8Page - Texas Instruments LP38858 Datasheet HTML 9Page - Texas Instruments LP38858 Datasheet HTML 10Page - Texas Instruments LP38858 Datasheet HTML 11Page - Texas Instruments LP38858 Datasheet HTML 12Page - Texas Instruments LP38858 Datasheet HTML 13Page - Texas Instruments LP38858 Datasheet HTML 14Page - Texas Instruments LP38858 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LP38858
www.ti.com
SNVS462D – OCTOBER 2006 – REVISED APRIL 2013
Soft-Start Time = CSS × rSS × 5
(1)
Since the VOUT rise will be exponential, not linear, the in-rush current will peak during the first time constant (τ),
and VOUT will require four additional time constants (4τ) to reach the final value (5τ) .
After achieving normal operation, should VBIAS fall below the ULVO threshold the device output will be disabled
and the Soft-Start capacitor (CSS) discharge circuit will become active. The CSS discharge circuit will remain
active until VBIAS falls to 500 mV (typical). When VBIAS falls below 500 mV (typical), the CSS discharge circuit will
cease to function due to a lack of sufficient biasing to the control circuitry.
Since VREF appears on the SS pin, any leakage through CSS will cause VREF to fall, and thus affect VOUT. A
leakage of 50 nA (about 10 M
Ω) through CSS will cause VOUT to be approximately 0.1% lower than nominal, while
a leakage of 500 nA (about 1 M
Ω) will cause VOUT to be approximately 1% lower than nominal. Typical ceramic
capacitors will have a factor of 10X difference in leakage between 25°C and 85°C, so the maximum ambient
temperature must be included in the capacitor selection process.
Typical CSS values will be in the range of 1 nF to 100 nF, providing typical Soft-Start times in the range of 70 μs
to 7 ms (5
τ). Values less than 1 nF can be used, but the Soft-Start effect will be minimal. Values larger than 100
nF will provide soft-start, but may not be fully discharged if VBIAS falls from the UVLO threshold to less than 500
mV in less than 100 µs.
Figure 27 shows the relationship between the COUT value and a typical CSS value.
Figure 27. Typical CSS vs COUT Values
The CSS capacitor must be connected to a clean ground path back to the device ground pin. No components,
other than CSS, should be connected to the SS pin, as there could be adverse effects to VOUT.
If the Soft-Start function is not needed the SS pin should be left open, although some minimal capacitance value
is always recommended.
POWER DISSIPATION AND HEAT-SINKING
Additional copper area for heat-sinking may be required depending on the maximum device dissipation (PD) and
the maximum anticipated ambient temperature (TA) for the device. Under all possible conditions, the junction
temperature must be within the range specified under operating conditions.
The total power dissipation of the device is the sum of three different points of dissipation in the device.
The first part is the power that is dissipated in the NMOS pass element, and can be determined with the
formula:
PD(PASS) = (VIN - VOUT) × IOUT
(2)
The second part is the power that is dissipated in the bias and control circuitry, and can be determined with the
formula:
PD(BIAS) = VBIAS × IGND(BIAS)
where
•
IGND(BIAS) is the portion of the operating ground current of the device that is related to VBIAS
(3)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP38858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com