Electronic Components Datasheet Search
  English  ▼

X  

LP38858 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP38858
Description  1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38858 Datasheet(HTML) 2 Page - Texas Instruments

  LP38858 Datasheet HTML 1Page - Texas Instruments LP38858 Datasheet HTML 2Page - Texas Instruments LP38858 Datasheet HTML 3Page - Texas Instruments LP38858 Datasheet HTML 4Page - Texas Instruments LP38858 Datasheet HTML 5Page - Texas Instruments LP38858 Datasheet HTML 6Page - Texas Instruments LP38858 Datasheet HTML 7Page - Texas Instruments LP38858 Datasheet HTML 8Page - Texas Instruments LP38858 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TAB
IS
GND
BIAS
OUT
GND
SS
1
2
3
4
5
IN
TAB
IS
GND
BIAS
OUT
GND
SS
1
2
3
4
5
IN
LP38858
SNVS462D – OCTOBER 2006 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. DDPAK/TO-263–5 Package (Top View)
Figure 2. TO220–5 Package (Top View)
See Package Number KTT0005B
See Package Number NDH0005D
Pin Descriptions
TO-220–5 and DDPAK/TO-263–5 Packages
Pin #
Pin Symbol
Pin Description
1
SS
Soft-Start capacitor connection. Used to slow the rise time of VOUT at turn-on.
2
IN
The unregulated voltage input pin.
3
GND
Ground
4
OUT
The regulated output voltage pin.
5
BIAS
The supply for the internal control and reference circuitry.
The TAB is a thermal connection that is physically attached to the backside of the
TAB
TAB
die, and used as a thermal heat-sink connection. See the Application Information
section for details.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Soldering, 5 seconds
260°C
ESD Rating
Human Body Model(3)
±2 kV
Power Dissipation(4)
Internally Limited
VIN Supply Voltage (Survival)
−0.3V to +6.0V
VBIAS Supply Voltage (Survival)
−0.3V to +6.0V
VSS Soft-Start Voltage (Survival)
−0.3V to +6.0V
VOUT Voltage (Survival)
−0.3V to +6.0V
IOUT Current (Survival)
Internally Limited
Junction Temperature
−40°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin. Test method is per JESD22-A114. The
HBM rating for device pin 1 (SS) is ±1.5 kV.
(4)
Device power dissipation must be de-rated based on device power dissipation (PD), ambient temperature (TA), and package junction to
ambient thermal resistance (
θJA). Additional heat-sinking may be required to ensure that the device junction temperature (TJ) does not
exceed the maximum operating rating. See the Application Information section for details.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP38858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com