| Electronic Components Datasheet Search |
|
NJU6355 Datasheet(PDF) 3 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJU6355 Datasheet(HTML) 3 Page - New Japan Radio |
|
3 / 6 page ![]() NJU6355 -3 - 2. Timer Data Reading When the I/O termianl is "L" and the CE tarminal is "H", timer data can read out. The output is LSB first and the output data strings is shown below. The timer data is transferred from timer counter to shift register at rising edge of the chip enable on the CE terminal, and output the LSB of the timer data from the DATA terminal. Afterward the timer data in the shift register shift by synchronized at the falling edge of clock signal on the CLK terminal and output from the DATA terminal. If the timer data is updated in the data output, there are one second difference between timer data and output data. Type E Year Month Day Days of Week Hour Minute Second The data is read out from LSB of Year, and first 52-bit is effective. If the low voltage detector detect the low battery, (EE)H is written into each digit of timer data and read out. The code of (EE)H is a warning for the broken. < Read Out Timing > Year Second CLK CE I/O Data Output Shift Register (1) (2) The timer data is transferred to the shift register at rising edge of the CE (1) and LSB of the timer data is output to the DATA terminal. Afterward the timer data in the shift register shift by synchronized at falling edge of the CLK(2) then output to the DATA terminal time-to-time. 1 2 3 4 5 6 7 3 4 5 6 7 0 1 2 3 4 5 6 7 3 4 5 6 7 0 Note) When the CE signal is which rising edge or falling edge, the CLK signal should be fixed to “L”. And so, before the CE signal is raised, the I/O signal should be fixed to “L”. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |