Electronic Components Datasheet Search
  English  ▼

X  

NJU6355 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU6355
Description  SERIAL I/O REAL TIME CLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6355 Datasheet(HTML) 4 Page - New Japan Radio

  NJU6355 Datasheet HTML 1Page - New Japan Radio NJU6355 Datasheet HTML 2Page - New Japan Radio NJU6355 Datasheet HTML 3Page - New Japan Radio NJU6355 Datasheet HTML 4Page - New Japan Radio NJU6355 Datasheet HTML 5Page - New Japan Radio NJU6355 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NJU6355
- 4 -
3. Timer Data Writing
When both of the I/O terminal and the CE terminal are "H", update is stopped, the oscillator divider is cleared,
and the timer data can be written to the NJU6355.
The timer data is written into the shift register from the DATA terminal by synchronized with rising edge of the
clock signal input from the CLK terminal, and the data is transferred from the shift register to the timer counter by
synchronized with falling edge of the CE signal.
In this time the second-counter is cleared to "0", and the oscillator
divider start the operation.
The input data strings are LSB first of each digit as shown below.
Type E
Year
Month
Day
Days of
Week
Hour
Minute
Second
The data is read out from LSB of Year, and last 44-bit is effective.
< Write Down Timing >
4. Low Voltage Detector
The NJU6355 series incorporate the low battery detector.
If the supply voltage reduce to the detection level,
(EE)H is written into each digit of the shift register as warning code for the CPU.
5. Data Access
The NJU6355 series can operate from 2.0V to 5.5V.
However, it is not allow the data access out of the range of
5V±10%.
It may be broken the data unless 5V±10%.
Thus, when the data access, the CE terminal should be "H" after the power supply rise to 5V±10%, then start the
operation.
CLK
CE
I/O
The data is input into the shift
register at rising edge of the
CLK.
The data in the shift
register is
transferred to the timer counter at this
falling edge of the CE, then the
oscillator divider start the operation.
Year
1
2
3
4
5
6
7
3
4
5
6
7
0
1
2
3
4
5
6
7
0
3
4
5
6
7
Minute
Data
Input
Shift
Register
Note) When the CE signal is which rising edge or falling edge,
the CLK signal should be fixed to "L".
And so, before the
CE signal is raised, the I/O signal should be fixed to "H".



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com