Electronic Components Datasheet Search
  English  ▼

X  

TC642 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC642
Description  PWM Fan Speed Controller with FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC642 Datasheet HTML 3Page - Microchip Technology TC642 Datasheet HTML 4Page - Microchip Technology TC642 Datasheet HTML 5Page - Microchip Technology TC642 Datasheet HTML 6Page - Microchip Technology TC642 Datasheet HTML 7Page - Microchip Technology TC642 Datasheet HTML 8Page - Microchip Technology TC642 Datasheet HTML 9Page - Microchip Technology TC642 Datasheet HTML 10Page - Microchip Technology TC642 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2002 Microchip Technology Inc.
DS21444C-page 7
TC642
4.0
SYSTEM BEHAVIOR
The flowcharts describing the TC642’s behavioral
algorithm are shown in Figure 4-1. They can be
summarized as follows:
4.1
Power-Up
(1) Assuming the device is not being held in shutdown
mode (VMIN > VREL)…
(2) Turn VOUT output on for 32 cycles of the PWM
clock. This ensures that the fan will start from a
dead stop.
(3) During this Start-up Timer, if a fan pulse is
detected, branch to Normal Operation; if none are
received…
(4) Activate the 32-cycle Start-up Timer one more
time and look for a fan pulse; if a fan pulse is
detected, proceed to Normal Operation; if none
are received…
(5) Proceed to Fan Fault.
(6) End.
4.2
Normal Operation
Normal Operation is an endless loop which may only
be exited by entering shutdown mode or Fan Fault. The
loop can be thought of as executing at the frequency of
the oscillator and PWM.
(1) Reset the missing pulse detector.
(2) Is TC642 in shutdown? If so…
a. VOUT duty cycle goes to zero.
b. FAULT is disabled.
c. Exit the loop and wait for VMIN > VREL to
resume
operation
(indistinguishable
from
power-up).
(3) If an over-temperature fault occurs (VIN > VOTF),
activate FAULT; release FAULT when VIN < VOTF.
(4) Drive VOUT to a duty cycle proportional to the
greater of VIN and VMIN on a cycle by cycle basis.
(5) If a fan pulse is detected, branch back to the start
of the loop (1).
(6) If the missing pulse detector times out …
(7) Activate the 3-cycle Diagnostic Timer and look for
pulses; if a fan pulse is detected, branch back to
the start of the loop (1); if none are received…
(8) Activate the 32-cycle Start-up Timer and look for
pulses; if a fan pulse is detected, branch back to
the start of the loop (1); if none are received…
(9) Quit Normal Operation and go to Fan Fault.
(10) End.
4.3
Fan Fault
Fan fault is an infinite loop wherein the TC642 is
latched in shutdown mode. This mode can only be
released by a reset (i.e., VMIN being brought below
VSHDN, then above VREL, or by power-cycling).
(1) While in this state, FAULT is latched on (low) and
the VOUT output is disabled.
(2) A reset sequence applied to the VMIN pin will exit
the loop to Power-Up.
(3) End.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com