Electronic Components Datasheet Search
  English  ▼

X  

TC642 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC642
Description  PWM Fan Speed Controller with FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC642 Datasheet HTML 11Page - Microchip Technology TC642 Datasheet HTML 12Page - Microchip Technology TC642 Datasheet HTML 13Page - Microchip Technology TC642 Datasheet HTML 14Page - Microchip Technology TC642 Datasheet HTML 15Page - Microchip Technology TC642 Datasheet HTML 16Page - Microchip Technology TC642 Datasheet HTML 17Page - Microchip Technology TC642 Datasheet HTML 18Page - Microchip Technology TC642 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2002 Microchip Technology Inc.
DS21444C-page 15
TC642
5.7
Power Supply Routing and
Bypassing
Noise present on the VIN and VMIN inputs may cause
erroneous operation of the FAULT output. As a result,
these inputs should be bypassed with a 0.01
µF
capacitor mounted as close to the package as is possi-
ble. This is particularly true of VIN, which is usually
driven from a high impedance source (such as a ther-
mistor). In addition, the VDD input should be bypassed
with a 1 µF capacitor. Grounds should be kept as short
as possible. To keep fan noise off the TC642 ground
pin, individual ground returns for the TC642 and the low
side of the fan current sense resistor should be used.
Design Example
Step 1. Calculate R1 and R2 based on using an NTC
having a resistance of 10 k
Ω at TMIN (25°C)
and 4.65 k
Ω at TMAX (45°C) (see Figure 5-9).
R1 = 20.5 kΩ
R2 = 3.83 kΩ
Step 2. Set minimum fan speed VMIN = 1.8V.
Limit the divider current to 100 µA from which
R5 = 33 kΩ and R6 = 18 kΩ.
Step 3. Design the output circuit.
Maximum fan motor current = 250 mA.
Q1 beta is chosen at 50 from which
R7 = 800 Ω.
FIGURE 5-9:
Design Example.
FAULT
SENSE
NTC
10 k
Ω
@ 25˚C
R1
20.5 k
Ω
R2
3.83 k
Ω
R5
33 k
Ω
R7
800
Ω
R6
18 k
Ω
R8
10 k
Ω
GND
Fan
Shutdown
(Optional)
Q1
Q2
+12V
+5V
+5V
+5V
VDD
VIN
VMIN
VOUT
RSENSE
2.2
Ω
CSENSE
0.1
µF
C1
1
µF
CF
TC642
Fan
CB
0.01 µF
CB
0.01
µF
+
CB
1
µF
8
4
6
7
5
2
3
1
Fan/
Thermal Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com