Electronic Components Datasheet Search
  English  ▼

X  

TC649 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC649
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC649 Datasheet HTML 5Page - Microchip Technology TC649 Datasheet HTML 6Page - Microchip Technology TC649 Datasheet HTML 7Page - Microchip Technology TC649 Datasheet HTML 8Page - Microchip Technology TC649 Datasheet HTML 9Page - Microchip Technology TC649 Datasheet HTML 10Page - Microchip Technology TC649 Datasheet HTML 11Page - Microchip Technology TC649 Datasheet HTML 12Page - Microchip Technology TC649 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2002 Microchip Technology Inc.
DS21449C-page 9
TC649
5.0
TYPICAL APPLICATIONS
Designing with the TC649 involves the following:
(1) The temperature sensor network must be
configured to deliver 1.25V to 2.65V on VIN for 0%
to 100% of the temperature range to be regulated.
(2) The auto-shutdown temperature must be set
with a voltage divider on VAS.
(3) The output drive transistor and associated circuitry
must be selected.
(4) The SENSE network, RSENSE and CSENSE, must
be designed for maximum efficiency while
delivering adequate signal amplitude.
(5) If shutdown capability is desired, the drive require-
ments of the external signal or circuit must be
considered.
The TC642 demonstration and prototyping board
(TC642DEMO) and the TC642
Evaluation
Kit
(TC642EV) provide working examples of TC649 cir-
cuits and prototyping aids. The TC642DEMO is a
printed circuit board optimized for small size and ease
of inclusion into system prototypes. The TC642EV is a
larger board intended for benchtop development and
analysis. At the very least, anyone contemplating a
design using the TC649 should consult the documen-
tation for both TC642EV (DS21403) and TC642DEMO
(DS21401).Figure 5-1 shows the base schematic for
the TC642DEMO.
FIGURE 5-1:
Typical Application Circuit.
FAULT
SENSE
NTC
R1
R2
R3
R4
GND
*See cautions regarding Latch-up Considerations in Section 5.0, "Typical Applications".
**Optional. See Section 5.0, "Typical Applications" for details.
Notes:
Fan Fault
Shutdown
Shutdown**
Q1
+12V
+5V*
VDD
VIN
VAS
VOUT
RBASE
RSENSE
CSENSE
CF
1 µF
CF
TC649
Fan
CB
0.01 µF
CB
0.01 µF
CB
1 µF
+
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com