Electronic Components Datasheet Search
  English  ▼

X  

TC649 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC649
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC649 Datasheet HTML 11Page - Microchip Technology TC649 Datasheet HTML 12Page - Microchip Technology TC649 Datasheet HTML 13Page - Microchip Technology TC649 Datasheet HTML 14Page - Microchip Technology TC649 Datasheet HTML 15Page - Microchip Technology TC649 Datasheet HTML 16Page - Microchip Technology TC649 Datasheet HTML 17Page - Microchip Technology TC649 Datasheet HTML 18Page - Microchip Technology TC649 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2002 Microchip Technology Inc.
DS21449C-page 15
TC649
5.6
Latch-up Considerations
As with any CMOS IC, the potential exists for latch-up
if signals are applied to the device which are outside
the power supply range. This is of particular concern
during power-up if the external circuitry (such as the
sensor network, VAS divider or shutdown circuit) are
powered by a supply different from that of the TC649.
Care should be taken to ensure that the TC649’s VDD
supply powers up first. If possible, the networks
attached to VIN and VAS should connect to the VDD sup-
ply at the same physical location as the IC itself. Even
if the IC and any external networks are powered by the
same supply, physical separation of the connecting
points can result in enough parasitic capacitance and/
or inductance in the power supply connections to delay
one power supply “routing” versus another.
5.7
Power Supply Routing and
Bypassing
Noise present on the VIN and VAS inputs may cause
erroneous operation of the FAULT output. As a result,
these inputs should be bypassed with a 0.01 µF
capacitor mounted as close to the package as possible.
This is especially true of VIN, which is usually drive from
a high impedance source (such as a thermistor). Addi-
tionally, the VDD input should be bypassed with a 1 µF
capacitor with grounds being kept as short as possible.
To keep fan noise off the TC649 ground pin, individual
ground returns for the TC649 and the low side of the
fan current sense resistor should be used.
Design Example
Step 1. Calculate R1 and R2 based on using an NTC
having a resistance of 10 k
Ω at TMIN (25°C)
and 4.65 k
Ω at TMAX (45°C) (see Figure 5-9).
R1 = 20.5 kΩ
R2 = 3.83 kΩ
Step 2. Set auto-shutdown Level.
VAS = 1.8V.
Limit the divider current to 100 µA
R5 = 33 kΩ
R6 = 18 kΩ
Step 3. Design the output circuit.
Maximum fan motor current = 250 mA.
Q1 beta is chosen at 50 from which
R7 = 800 Ω.
FIGURE 5-9:
Design Example.
FAULT
SENSE
NTC
10 k
Ω
@ 25˚C
R1
20.5 k
Ω
R2
3.83 k
Ω
R5
33 k
Ω
R7
800
Ω
GND
RESET
Shutdown
(Optional)
Q1
+12V
+5V
+5V
+5V
VDD
VIN
VAS
VOUT
RSENSE
2.2
Ω
CSENSE
0.1 µF
C1
1 µF
CF
TC649
Fan
Fan Fault
CB
0.01 µF
CB
0.01 µF
CB
1 µF
1
8
4
6
7
5
2
3
R6
18 k
Ω
Open-
Drain
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com