Electronic Components Datasheet Search
  English  ▼

X  

W94AD6KB Datasheet(PDF) 8 Page - Winbond

Part # W94AD6KB
Description  Standard Self Refresh Mode
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W94AD6KB Datasheet(HTML) 8 Page - Winbond

Back Button W94AD6KB Datasheet HTML 4Page - Winbond W94AD6KB Datasheet HTML 5Page - Winbond W94AD6KB Datasheet HTML 6Page - Winbond W94AD6KB Datasheet HTML 7Page - Winbond W94AD6KB Datasheet HTML 8Page - Winbond W94AD6KB Datasheet HTML 9Page - Winbond W94AD6KB Datasheet HTML 10Page - Winbond W94AD6KB Datasheet HTML 11Page - Winbond W94AD6KB Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
W94AD6KB / W94AD2KB
Publication Release Date: Oct. 02, 2014
Revision: A01-005
- 8 -
SIGNAL NAME
TYPE
FUNCTION
DESCRIPTION
CKE
Input
Clock Enable
CKE HIGH activates, and CKE LOW deactivates
internal clock signals, and device input buffers and
output drivers. Taking CKE LOW provides
PRECHARGE, POWER DOWN and SELF REFRESH
operation (all banks idle), or ACTIVE POWER DOWN
(row ACTIVE in any bank). CKE is synchronous for all
functions except for SELF REFRESH EXIT, which is
achieved asynchronously. Input buffers, excluding CK,
CK and CKE, are disabled during power down and self
refresh mode which are contrived for low standby power
consumption.
LDQS,UDQS (x16);
DQS0~DQ3 (x32)
I/O
Data Strobe
Output with read data, input with write data. Edge-
aligned with read data, centered with write data. Used
to capture write data.
x16: LDQS: DQ0~DQ7; UDQS: DQ8~DQ15.
x32: DQS0: DQ0~DQ7; DQS1: DQ8~DQ15;
DQS2: DQ16~DQ23; DQS3: DQ24~DQ31.
VDD
Supply
Power
Power supply for input buffers and internal circuit.
VSS
Supply
Ground
Ground for input buffers and internal circuit.
VDDQ
Supply
Power for I/O
Buffer
Power supply separated from VDD, used for output
drivers to improve noise.
VSSQ
Supply
Ground for I/O
Buffer
Ground for output drivers.
NC
-
No Connect
No internal electrical connection is present.
5.2
Addressing Table
Item
1Gb
Number of banks
4
Bank address balls
BA0,BA1
Auto precharge ball
A10/AP
x16
Row addresses
A0-A13
Column addresses
A0-A9
tREFI (µS)
7.8
x32
Row addresses
A0-A12
Column addresses
A0-A9
tREFI (µS)
7.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com