Electronic Components Datasheet Search
  English  ▼

X  

W94AD6KB Datasheet(PDF) 20 Page - Winbond

Part # W94AD6KB
Description  Standard Self Refresh Mode
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W94AD6KB Datasheet(HTML) 20 Page - Winbond

Back Button W94AD6KB Datasheet HTML 16Page - Winbond W94AD6KB Datasheet HTML 17Page - Winbond W94AD6KB Datasheet HTML 18Page - Winbond W94AD6KB Datasheet HTML 19Page - Winbond W94AD6KB Datasheet HTML 20Page - Winbond W94AD6KB Datasheet HTML 21Page - Winbond W94AD6KB Datasheet HTML 22Page - Winbond W94AD6KB Datasheet HTML 23Page - Winbond W94AD6KB Datasheet HTML 24Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
W94AD6KB / W94AD2KB
Publication Release Date: Oct. 02, 2014
Revision: A01-005
- 20 -
7.6
Commands
All commands (address and control signals) are registered on the positive edge of clock (crossing of
CK going high and CK going low).
7.6.1
Basic Timing Parameters for Commands
CK
CK
Input
Valid
Valid
Valid
tCL
tCH
tCK
tIS tIH
= Don't Care
NOTE: Input = A0–An, BA, CKE, CS, RAS, CAS, WE
7.6.2
Truth Table
– Commands
NAME (FUNCTION)
CS
RAS CAS
WE
BA
A10/AP ADDR NOTES
DESELECT (NOP)
H
X
X
X
X
X
X
2
NO OPERATION (NOP)
L
H
H
H
X
X
X
2
ACTIVE (Select Bank and activate row)
L
L
H
H
Valid
Row
Row
READ (Select bank and column and start read burst)
L
H
L
H
Valid
L
Col
READ with AP (Read Burst with Auto Precharge)
L
H
L
H
Valid
H
Col
3
WRITE (Select bank and column and start write burst)
L
H
L
L
Valid
L
Col
WRITE with AP (Write Burst with Auto Precharge)
L
H
L
L
Valid
H
Col
3
BURST TERMINATE
L
H
H
L
X
X
X
4, 5
PRECHARGE (Deactivate row in selected bank)
L
L
H
L
Valid
L
X
6
PRECHARGE ALL (Deactivate rows in all banks)
L
L
H
L
X
H
X
6
AUTO REFRESH or enter SELF REFRESH
L
L
L
H
X
X
X
7, 8, 9
MODE REGISTER SET
L
L
L
L
Valid
Op-code
10
Notes:
1.
All states and sequences not shown are illegal or reserved.
2.
DESELECT and NOP are functionally interchangeable.
3.
Auto precharge is non-persistent. A10 High enables Auto precharge, while A10 Low disables Auto precharge.
4.
Burst Terminate applies to only Read bursts with Auto precharge disabled. This command is undefined and should not be used
for Read with Auto precharge enabled, and for Write bursts.
5.
This command is BURST TERMINATE if CKE is High and DEEP POWER DOWN entry if CKE is Low.
6.
If A10 is low, bank address determines which bank is to be precharged. If A10 is high, all banks are precharged and BA0~BA1
are don’t care.
7.
This command is AUTO REFRESH if CKE is High and SELF REFRESH if CKE is low.
8.
All address inputs and I/O are ‘don’t care’ except for CKE. Internal refresh counters control bank and row addressing.
9.
All banks must be precharged before issuing an AUTO-REFRESH or SELF REFRESH command.
10. BA0 and BA1 value select between MRS and EMRS.
11. CKE is HIGH for all commands shown except SELF REFRESH and DEEP POWER-DOWN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com