Electronic Components Datasheet Search
  English  ▼

X  

TC664 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC664
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC664 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC664 Datasheet HTML 3Page - Microchip Technology TC664 Datasheet HTML 4Page - Microchip Technology TC664 Datasheet HTML 5Page - Microchip Technology TC664 Datasheet HTML 6Page - Microchip Technology TC664 Datasheet HTML 7Page - Microchip Technology TC664 Datasheet HTML 8Page - Microchip Technology TC664 Datasheet HTML 9Page - Microchip Technology TC664 Datasheet HTML 10Page - Microchip Technology TC664 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
 2002 Microchip Technology Inc.
DS21737A-page 7
TC664/TC665
FIGURE 2-7:
SDA IOL vs. Temperature.
FIGURE 2-8:
VCMAX vs. Temperature.
FIGURE 2-9:
VCMIN vs. Temperature.
FIGURE 2-10:
RPM %error vs.
Temperature.
FIGURE 2-11:
Sense Threshold
(VTHSENSE) Hysteresis vs. Temperature.
FIGURE 2-12:
SDA, SCLK Hysteresis vs.
Temperature.
20
25
30
35
40
45
50
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VOL = 0.4 V
VDD = 5.5 V
VDD = 5.0 V
VDD = 4.0 V
VDD = 3.0 V
2.575
2.580
2.585
2.590
2.595
2.600
2.605
2.610
2.615
2.620
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
VDD = 3.0 V
VDD = 4.0 V
VDD = 5.0 V
VDD = 5.5 V
1.180
1.185
1.190
1.195
1.200
1.205
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
VDD = 3.0 V
VDD = 5.0 V
VDD = 5.5 V
VDD = 4.0 V
0
1
2
3
4
5
6
7
8
9
10
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0 V
VDD = 5.5 V
VDD = 5.0 V
CF = 1.0 uF
20
25
30
35
40
45
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0V
VDD = 5.5V
80
90
100
110
120
130
140
150
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0 V
VDD = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com