Electronic Components Datasheet Search
  English  ▼

X  

TC664 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC664
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC664 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC664 Datasheet HTML 6Page - Microchip Technology TC664 Datasheet HTML 7Page - Microchip Technology TC664 Datasheet HTML 8Page - Microchip Technology TC664 Datasheet HTML 9Page - Microchip Technology TC664 Datasheet HTML 10Page - Microchip Technology TC664 Datasheet HTML 11Page - Microchip Technology TC664 Datasheet HTML 12Page - Microchip Technology TC664 Datasheet HTML 13Page - Microchip Technology TC664 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
TC664/TC665
DS21737A-page 10
 2002 Microchip Technology Inc.
4.1
Fan Speed Control Methods
The speed of a DC brushless fan is proportional to the
voltage across it. For example, if a fan’s rating is
5000 RPM at 12 V, it’s speed would be 2500 RPM at
6 V. This, of course, will not be exact, but should be
close.
There are two main methods for fan speed control. The
first is pulse width modulation (PWM) and the second
is linear. Using either method the total system power
requirement to run the fan is equal. The difference
between the two methods is where the power is con-
sumed.
The following example compares the two methods for
a 12 V, 120 mA fan running at 50% speed. With 6 V
applied across the fan, the fan draws an average cur-
rent of 68 mA. Using a linear control method, there is
6V across the fan and 6V across the drive element.
With 6 V and 68 mA, the drive element is dissipating
410 mW of power. Using the PWM approach, the fan is
modulated at a 50% duty cycle, with most of the 12 V
being dropped across the fan. With 50% duty cycle, the
fan draws an RMS current of 110 mA and an average
current of 72 mA. Using a MOSFET with a 1
Ω RDS(on)
(a fairly typical value for this low current) the power dis-
sipation in the drive element would be: 12 mW (Irms2 *
RDS(on)). Using a standard 2N2222A NPN transistor
(assuming a Vce-sat of 0.8 V), the power dissipation
would be 58 mW (Iavg* Vce-sat).
The PWM approach to fan speed control causes much
less power dissipation in the drive element. This allows
smaller devices to be used and will not require any spe-
cial heatsinking to get rid of the power being dissipated
in the package.
The other advantage to the PWM approach is that the
voltage being applied to the fan is always near 12 V.
This eliminates any concern about not supplying a high
enough voltage to run the internal fan components
which is very relevant in linear fan speed control.
4.2
PWM Fan Speed Control
The TC664/TC665 devices implement PWM fan speed
control by varying the duty cycle of a fixed frequency
pulse train. The duty cycle of a waveform is the on time
divided by the total period of the pulse. For example,
given a 100 Hz waveform (10 msec.) with an on time of
5.0 msec., the duty cycle of this waveform is 50%
(5.0 msec./10.0 msec.). An example of this is shown in
Figure 4-2.
FIGURE 4-2:
Duty Cycle Of A PWM
Waveform.
The TC664/TC665 devices generate a pulse train with
a typical frequency of 30 Hz (CF = 1 µF). The duty cycle
can be varied from 30% to 100%. The pulse train gen-
erated by the TC664/TC665 devices drives the gate of
an external N-channel MOSFET or the base of an NPN
transistor (Figure 4-3). See Section 7.5 for more infor-
mation on output drive device selection.
FIGURE 4-3:
PWM Fan Drive.
By modulating the voltage applied to the gate of the
MOSFET Qdrive, the voltage applied to the fan is also
modulated. When the VOUT pulse is high, the gate of
the MOSFET is turned on, pulling the voltage at the
drain of Qdrive to zero volts. This places the full 12 V
across the fan for the Ton period of the pulse. When the
duty cycle of the drive pulse is 100% (full on, Ton = T),
the fan will run at full speed. As the duty cycle is
decreased (pulse on time “Ton” is lowered), the fan will
slow down proportionally. With the TC664/TC665
devices, the duty cycle can be controlled through the
analog input pin (VIN), or through the SMBus interface,
by using the Duty-Cycle Register. See Section 4.5 for
more details on duty cycle control.
T
Ton
Toff
T = Period
T = 1/F
F = Frequency
D = Duty Cycle
D = Ton / T
FAN
12 V
Qdrive
TC664
TC665
VDD
GND
VOUT
G
D
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com