Electronic Components Datasheet Search
  English  ▼

X  

TC7106 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC7106
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC7106 Datasheet HTML 11Page - Microchip Technology TC7106 Datasheet HTML 12Page - Microchip Technology TC7106 Datasheet HTML 13Page - Microchip Technology TC7106 Datasheet HTML 14Page - Microchip Technology TC7106 Datasheet HTML 15Page - Microchip Technology TC7106 Datasheet HTML 16Page - Microchip Technology TC7106 Datasheet HTML 17Page - Microchip Technology TC7106 Datasheet HTML 18Page - Microchip Technology TC7106 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2002 Microchip Technology Inc.
DS21455B-page 15
TC7106/A/TC7107/A
FIGURE 8-2:
COMMON MODE VOLTAGE REMOVED IN BATTERY OPERATION WITH
VIN- = ANALOG COMMON
The analog common pin serves to set the analog section
reference or common point. The TC7106A is specifically
designed to operate from a battery, or in any measure-
ment system where input signals are not referenced
(float), with respect to the TC7106A power source. The
analog common potential of V+ – 3.0V gives a 6V end of
battery life voltage. The common potential has a 0.001%
voltage coefficient and a 15
Ω output impedance.
With sufficiently high total supply voltage (V+ – V- >
7.0V), analog common is a very stable potential with
excellent temperature stability, typically 20ppm/°C.
This potential can be used to generate the reference
voltage. An external voltage reference will be unneces-
sary in most cases because of the 50ppm/°C maximum
temperature coefficient. See Internal Voltage Refer-
ence discussion.
8.4
TEST (Pin 37)
The TEST pin potential is 5V less than V+. TEST may
be used as the negative power supply connection for
external CMOS logic. The TEST pin is tied to the inter-
nally generated negative logic supply (Internal Logic
Ground) through a 500
Ω resistor in the TC7106A. The
TEST pin load should be no more than 1mA.
If TEST is pulled to V+ all segments plus the minus sign
will be activated. Do not operate in this mode for more
than
several
minutes
with
the
TC7106A.
With
TEST = V+, the LCD segments are impressed with a
DC voltage which will destroy the LCD.
The TEST pin will sink about 10mA when pulled to V+.
8.5
Internal Voltage Reference
The analog common voltage temperature stability has
been significantly improved (Figure 8-3). The “A” ver-
sion of the industry standard circuits allow users to
upgrade old systems and design new systems without
external voltage references. External R and C values
do not need to be changed. Figure 8-4 shows analog
common supplying the necessary voltage reference for
the TC7106A/TC7107A.
FIGURE 8-3:
ANALOG COMMON
TEMPERATURE
COEFFICIENT
FIGURE 8-4:
INTERNAL VOLTAGE
REFERENCE
CONNECTION
VBUF
CAZ
VINT
BP
POL
Segment
Drive
OSC1
OSC3
OSC2
V-
V+
VREF+
VREF-
Analog
Common
V-
V+
V-
V+
GND
GND
Measured
System
Power
Source
9V
LCD Display
TC7106A
+
VIN-
VIN+
Typical
No Maximum Specified
No
Maximum
Specified
No
Maximum
Specified
Typical
Typical
200
180
160
140
120
100
80
60
40
20
0
ICL7136
TC
7106A
ICL7106
Maximum
Limit
V-
Analog
Common
TC7106A
TC7107A
VREF+
32
35
36
24k
Ω
1k
Ω
VREF-
VREF
1
Set VREF = 1/2 VFULL SCALE
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com