Electronic Components Datasheet Search
  English  ▼

X  

TC7106 Datasheet(PDF) 20 Page - Microchip Technology

Part # TC7106
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106 Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC7106 Datasheet HTML 16Page - Microchip Technology TC7106 Datasheet HTML 17Page - Microchip Technology TC7106 Datasheet HTML 18Page - Microchip Technology TC7106 Datasheet HTML 19Page - Microchip Technology TC7106 Datasheet HTML 20Page - Microchip Technology TC7106 Datasheet HTML 21Page - Microchip Technology TC7106 Datasheet HTML 22Page - Microchip Technology TC7106 Datasheet HTML 23Page - Microchip Technology TC7106 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
TC7106/A/TC7107/A
DS21455B-page 20
© 2002 Microchip Technology Inc.
FIGURE 10-10:
3-1/2 DIGIT TRUE RMS AC DMM
FIGURE 10-11:
INTEGRATED CIRCUIT TEMPERATURE SENSOR
SEG
DRIVE
47k
Ω
1W
10%
+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD636
–
6.8
µF
0.02
µF
20k
Ω
10%
10k
Ω
1M
Ω
1M
Ω
IN4148
1
µF
–
+
9M
Ω
900k
Ω
90k
Ω
10k
Ω
200mV
2V
20V
200V
COM
VIN
TC7106A
LCD Display
24k
Ω
1k
Ω
2.2
µF
0.01
µF
1M
Ω 10%
9V
+
1
36
35
32
31
30
26
V+
Analog Common
VIN+
VIN-
26
27
29
28
40
38
39
BP
V-
C1 = 3 - 10pF Variable
C2 = 132pF Variable
VREF+
VREF-
V-
TC7106A
VREF-
Common
VIN+
V+
9V
V+
2
1
4
26
6
5
3
2
3
1
4
8
Temperature
Dependent
Output
NC
1.3k
50k
Ω
Constant 5V
50k
Ω
51k
Ω
5.1k
Ω
R4
R5
R1
R2
VOUT =
1.86V @
25
°C
VIN-
VFS = 2.00V
GND
V-
VOUT
ADJ
TEMP
REF02
TC911
VREF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com