Electronic Components Datasheet Search
  English  ▼

X  

SSL3401HN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL3401HN
Description  Low voltage dimmable controller for LED lighting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL3401HN Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL3401HN Datasheet HTML 1Page - NXP Semiconductors SSL3401HN Datasheet HTML 2Page - NXP Semiconductors SSL3401HN Datasheet HTML 3Page - NXP Semiconductors SSL3401HN Datasheet HTML 4Page - NXP Semiconductors SSL3401HN Datasheet HTML 5Page - NXP Semiconductors SSL3401HN Datasheet HTML 6Page - NXP Semiconductors SSL3401HN Datasheet HTML 7Page - NXP Semiconductors SSL3401HN Datasheet HTML 8Page - NXP Semiconductors SSL3401HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SSL3401HN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 28 January 2014
5 of 29
NXP Semiconductors
SSL3401HN
Low voltage dimmable controller for LED lighting
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration
Table 3.
Pin description
Symbol
Pin
Type
Reset
state
Description
DNC
1
-
-
do not connect
RESET
2
input
-
reset if LOW
DNC
3
-
-
do not connect
DNC
4
-
-
do not connect
DNC
5
-
-
do not connect
VDD(IO)
6
power
-
3.3 V I/O supply voltage
DNC
7
-
-
do not connect
DNC
8
-
-
do not connect
HYSTSET
9
input
-
comparator hysteresis level setting (high
hysteresis level if pin is left open or set HIGH,
low hysteresis level if pin is set LOW)
DNC
10
-
-
do not connect
DNC
11
-
-
do not connect
LOADPWM
12
output
H
output load control (input pin at reset)
ILATCHSETACT
13
input
-
input latching current setting control
OTPSETACT
14
input
-
overtemperature setting control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com