Electronic Components Datasheet Search
  English  ▼

X  

SSL3401HN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSL3401HN
Description  Low voltage dimmable controller for LED lighting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL3401HN Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSL3401HN Datasheet HTML 2Page - NXP Semiconductors SSL3401HN Datasheet HTML 3Page - NXP Semiconductors SSL3401HN Datasheet HTML 4Page - NXP Semiconductors SSL3401HN Datasheet HTML 5Page - NXP Semiconductors SSL3401HN Datasheet HTML 6Page - NXP Semiconductors SSL3401HN Datasheet HTML 7Page - NXP Semiconductors SSL3401HN Datasheet HTML 8Page - NXP Semiconductors SSL3401HN Datasheet HTML 9Page - NXP Semiconductors SSL3401HN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SSL3401HN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 28 January 2014
6 of 29
NXP Semiconductors
SSL3401HN
Low voltage dimmable controller for LED lighting
8.
Functional description
8.1 Supply
The SSL3401HN operates with a 3.3 V typical supply. The IC core and the interface pins
are supplied by two different supply pins VDD and VDD(IO). These pins are not connected
internally in the IC. They must all be connected externally to the main supply.
8.2 State diagram
The SSL3401HN has two modes:
• Reset
• Active
8.2.1 Reset mode
The chip enters the reset state:
• At the power start-up phase
• When VDD drops below the VDD POR threshold voltage (Vth(POR))
• When the RESET pin is set LOW
All registers are cleared to their default values.
LEDPWM
15
output
H
LED current control (input pin at reset)
DNC
16
supply
-
do not connect
ACMPN
17
input
-
analog comparator negative input
ACMPREF
18
output
H
analog comparator reference voltage
DNC
19
-
-
do not connect
OVP
20
input
-
overvoltage protection sensing input
DNC
21
-
-
do not connect
PARAMSET
22
input
-
input latching current and OTP setting input
DNC
23
-
-
do not connect
DNC
24
-
-
do not connect
DNC
25
-
-
do not connect
FB
26
input
-
feedback loop input voltage
DNC
27
-
-
do not connect
LEDSDWN
28
output
H
LED current deep dimming control
VDD
29
power
-
3.3 V supply voltage
BSTDRVA
30
output
H
power MOSFET driver output
BSTDRVB
31
output
H
power MOSFET driver output
ACMPP
32
input
-
analog comparator positive input
VSS
33
ground
-
die pad ground terminal
Table 3.
Pin description …continued
Symbol
Pin
Type
Reset
state
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com