Electronic Components Datasheet Search
  English  ▼

X  

LM3743 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3743
Description  High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3743 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3743 Datasheet HTML 9Page - Texas Instruments LM3743 Datasheet HTML 10Page - Texas Instruments LM3743 Datasheet HTML 11Page - Texas Instruments LM3743 Datasheet HTML 12Page - Texas Instruments LM3743 Datasheet HTML 13Page - Texas Instruments LM3743 Datasheet HTML 14Page - Texas Instruments LM3743 Datasheet HTML 15Page - Texas Instruments LM3743 Datasheet HTML 16Page - Texas Instruments LM3743 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
400 µs/DIV
VOUT
COMP/
EN
SW
2V/DIV
1V/DIV
1V/DIV
2 ms/DIV
VOUT1
VOUT2
VOUT3
500 mV/DIV
LM3743
www.ti.com
SNVS427E – SEPTEMBER 2006 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
VIN = 3.3, TJ = 25°C, ILOAD = 1A unless otherwise specified.
Shutdown RLOAD = 1Ω, VIN = 5V
Pre Bias Startup
Figure 43.
Figure 44.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com