Electronic Components Datasheet Search
  English  ▼

X  

LM3743 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3743
Description  High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3743 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3743 Datasheet HTML 17Page - Texas Instruments LM3743 Datasheet HTML 18Page - Texas Instruments LM3743 Datasheet HTML 19Page - Texas Instruments LM3743 Datasheet HTML 20Page - Texas Instruments LM3743 Datasheet HTML 21Page - Texas Instruments LM3743 Datasheet HTML 22Page - Texas Instruments LM3743 Datasheet HTML 23Page - Texas Instruments LM3743 Datasheet HTML 24Page - Texas Instruments LM3743 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
VIN(MAX) - VOUT
'IOUT =
fSW x LACTUAL
x DMIN
L = 1.34 µH
L =
5.5V - 1.8V
0.3 x 10A x 300 kHz
x
1.8V
5.5V
L =
VIN-MAX - VOUT
'IOUT x fSW
x DMIN
LM3743
www.ti.com
SNVS427E – SEPTEMBER 2006 – REVISED APRIL 2013
DESIGN CONSIDERATIONS
The following is a design procedure for selecting all the components in the Typical Application circuit on the front
page. This design converts 5V (VIN) to 1.8V (VOUT) at a maximum load of 10A with an efficiency of 90% and a
switching frequency of 300 kHz. The same procedures can be followed to create many other designs with
varying input voltages, output voltages, load currents, and switching frequency.
Switching Frequency
Selection of the operating switching frequency is based on trade-offs between size, cost, efficiency, and
response time. For example, a lower frequency will require larger more expensive inductors and capacitors.
While a higher switching frequency will generally reduce the size of these components, but will have a reduction
in efficiency. Fast switching converters allow for higher loop gain bandwidths, which in turn have the ability to
respond quickly to load and line transients. For the example application we have chosen a 300 kHz switching
frequency because it will reduce the switching power losses and in turn allow for higher conduction losses
considering the same power loss criteria, thus it is possible to sustain a higher load current.
Output Inductor
The output inductor is responsible for smoothing the square wave created by the switching action and for
controlling the output current ripple (
ΔIOUT) also called the AC component of the inductor current. The DC current
into the load is equal to the average current flowing in the inductor. The inductance is chosen by selecting
between trade-offs in efficiency, size, and response time. The recommended percentage of AC component to DC
current is 30% to 40%, this will provide the best trade-off between energy requirements and size, (read AN-1197
(SNVA038) for theoretical analysis). Another criteria is the ability to respond to large load transient responses;
the smaller the output inductor, the more quickly the converter can respond. The equation for output inductor
selection is:
(12)
(13)
(14)
Here we have plugged in the values for input voltage, output voltage, switching frequency, and 30% of the
maximum load current. This yields an inductance of 1.34 µH. The output inductor must be rated to handle the
peak current (also equal to the peak switch current), which is (IOUT + (0.5 x ΔIOUT)) = 11.5A, for a 10A design and
a AC current of 3A.
The Coiltronics DR125–1R5 is 1.5 µH, is rated to 13.8A RMS current, and has a direct current resistance (DCR)
of 3 m
Ω. After selecting the Coiltronics DR125–1R5 for the output inductor, actual inductor current ripple must be
re-calculated with the selected inductance value. This information is needed to determine the RMS current
through the input and output capacitors. Re-arranging the equation used to select inductance yields the following:
(15)
VIN(MAX) is assumed to be 10% above the steady state input voltage, or 5.5V at VIN = 5.0V. The re-calculated
current ripple will then be 2.69A. This gives a peak inductor/switch current will be 11.35A.
Output Capacitor
The output capacitor in a switching regulator is selected on the basis of capacitance, equivalent series resistance
(ESR), size, and cost. In this example the output current is 10A and the expected type of capacitor is an
aluminum electrolytic, as with the input capacitors. An important specification in switching converters is the
output voltage ripple
ΔVOUT. At 300 kHz the impedance of most capacitors is very small compared to ESR, hence
ESR becomes the main selection criteria. In this design the load requires a 2% ripple , which results in a
ΔVOUT
of 36 mVP-P. Thus the maximum ESR is then:
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com