Electronic Components Datasheet Search
  English  ▼

X  

LM5118 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5118
Description  Wide Voltage Range Buck-Boost Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5118 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5118 Datasheet HTML 9Page - Texas Instruments LM5118 Datasheet HTML 10Page - Texas Instruments LM5118 Datasheet HTML 11Page - Texas Instruments LM5118 Datasheet HTML 12Page - Texas Instruments LM5118 Datasheet HTML 13Page - Texas Instruments LM5118 Datasheet HTML 14Page - Texas Instruments LM5118 Datasheet HTML 15Page - Texas Instruments LM5118 Datasheet HTML 16Page - Texas Instruments LM5118 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
HB
VOUT
CSG
CS
LO
HO
HS
LM5118
VIN
D1
Q2 (OFF)
D2
Q1
Buck Switch
Current
Diode Current
LM5118, LM5118-Q1
www.ti.com
SNVS566I – APRIL 2008 – REVISED AUGUST 2014
9.3 Feature Description
A buck-boost regulator can maintain regulation for input voltages either higher or lower than the output voltage.
The challenge is that buck-boost power converters are not as efficient as buck regulators. The LM5118 has been
designed as a dual mode controller whereby the power converter acts as a buck regulator while the input voltage
is above the output. As the input voltage approaches the output voltage, a gradual transition to the buck-boost
mode occurs. The dual mode approach maintains regulation over a wide range of input voltages, while
maintaining the optimal conversion efficiency in the normal buck mode. The gradual transition between modes
eliminates disturbances at the output during transitions. Figure 8 shows the basic operation of the LM5118
regulator in the buck mode. In buck mode, transistor Q1 is active and Q2 is disabled. The inductor current ramps
in proportion to the VIN - VOUT voltage difference when Q1 is active and ramps down through the recirculating
diode D1 when Q1 is off. The first order buck mode transfer function is VOUT/VIN = D, where D is the duty cycle
of the buck switch, Q1.
Figure 8. Buck Mode Operation
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5118 LM5118-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com