Electronic Components Datasheet Search
  English  ▼

X  

LM5118 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5118
Description  Wide Voltage Range Buck-Boost Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5118 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5118 Datasheet HTML 17Page - Texas Instruments LM5118 Datasheet HTML 18Page - Texas Instruments LM5118 Datasheet HTML 19Page - Texas Instruments LM5118 Datasheet HTML 20Page - Texas Instruments LM5118 Datasheet HTML 21Page - Texas Instruments LM5118 Datasheet HTML 22Page - Texas Instruments LM5118 Datasheet HTML 23Page - Texas Instruments LM5118 Datasheet HTML 24Page - Texas Instruments LM5118 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
LM5118, LM5118-Q1
www.ti.com
SNVS566I – APRIL 2008 – REVISED AUGUST 2014
Device Functional Modes (continued)
9.4.2 Buck-Boost Mode Operation: VIN
≊
≊ VOUT
When VIN decreases relative to VOUT, the duty cycle of the buck switch will increase to maintain regulation.
Once the duty cycle reaches 75%, the boost switch starts to operate with a very small duty cycle. As VIN is
further decreased, the boost switch duty cycle increases until it is the same as the buck switch. As VIN is further
decreased below VOUT, the buck and boost switch operate together with the same duty cycle and the regulator
is in full buck-boost mode. This feature allows the regulator to transition smoothly from buck to buck-boost mode.
It should be noted that the regulator can be designed to operate with VIN less than 4 V, but VIN must be at least
5 V Figure 16 presents a timing illustration of the gradual transition from buck to buck-boost mode when the input
voltage ramps downward over a few switching cycles.
Figure 16. Buck (HO) and Boost (LO) Switch Duty Cycle vs. Time,
Illustrating Gradual Mode Change with Decreasing Input Voltage
9.4.3 High Voltage Start-Up Regulator
The LM5118 contains a dual mode, high voltage linear regulator that provides the VCC bias supply for the PWM
controller and the MOSFET gate driver. The VIN input pin can be connected directly to input voltages as high as
75 V. For input voltages below 10 V, an internal low dropout switch connects VCC directly to VIN. In this supply
range, VCC is approximately equal to VIN. For VIN voltages greater than 10 V, the low dropout switch is disabled
and the VCC regulator is enabled to maintain VCC at approximately 7 V. A wide operating range of 4 V to 75 V
(with a startup requirement of at least 5 V) is achieved through the use of this dual mode regulator.
The output of the VCC regulator is current limited to 35 mA, typical. Upon power up, the regulator sources
current into the capacitor connected to the VCC pin. When the voltage at the VCC pin exceeds the VCC under-
voltage threshold of 3.7 V and the UVLO input pin voltage is greater than 1.23 V, the gate driver outputs are
enabled and a soft-start sequence begins. The gate driver outputs remain enabled until VCC falls below 3.5 V or
the voltage at the UVLO pin falls below 1.13 V.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5118 LM5118-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com