Electronic Components Datasheet Search
  English  ▼

X  

16C57 Datasheet(PDF) 6 Page - Microchip Technology

Part # 16C57
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16C57 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 16C57 Datasheet HTML 2Page - Microchip Technology 16C57 Datasheet HTML 3Page - Microchip Technology 16C57 Datasheet HTML 4Page - Microchip Technology 16C57 Datasheet HTML 5Page - Microchip Technology 16C57 Datasheet HTML 6Page - Microchip Technology 16C57 Datasheet HTML 7Page - Microchip Technology 16C57 Datasheet HTML 8Page - Microchip Technology 16C57 Datasheet HTML 9Page - Microchip Technology 16C57 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 217 page
background image
PIC16C5X
DS30453B-page 6
Preliminary
© 1998 Microchip Technology Inc.
TABLE 1-1:
PIC16C5X FAMILY OF DEVICES
PIC16C52
PIC16C54s
PIC16CR54s
PIC16C55s
PIC16C56s
Clock
Maximum Frequency
of Operation (MHz)
4
2020
2020
Memory
EPROM Program Memory
(x12 words)
384
512
—
512
1K
ROM Program Memory
(x12 words)
—
—
512
—
—
RAM Data Memory (bytes)
25
25
25
24
25
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
Features
I/O Pins
12
12
12
20
12
Number of Instructions
33
33
33
33
33
Packages
18-pin DIP,
SOIC
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
28-pin DIP,
SOIC;
28-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PICmicro™ Family devices have Power-on Reset, selectable Watchdog Timer (except PIC16C52), selectable code
protect and high I/O current capability.
PIC16CR56s
PIC16C57s
PIC16CR57s
PIC16C58s
PIC16CR58s
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
Memory
EPROM Program Memory
(x12 words)
—
2K
—
2K
—
ROM Program Memory
(x12 words)
1K
—
2K
—
2K
RAM Data Memory (bytes)
25
72
72
73
73
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
Features
I/O Pins
12
20
20
12
12
Number of Instructions
33
33
33
33
33
Packages
18-pin DIP,
SOIC;
20-pin SSOP
28-pin DIP,
SOIC;
28-pin SSOP
28-pin DIP,
SOIC;
28-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PICmicro™ Family devices have Power-on Reset, selectable Watchdog Timer (except PIC16C52), selectable code
protect and high I/O current capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com