Electronic Components Datasheet Search
  English  ▼

X  

16C57 Datasheet(PDF) 22 Page - Microchip Technology

Part # 16C57
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16C57 Datasheet(HTML) 22 Page - Microchip Technology

Back Button 16C57 Datasheet HTML 18Page - Microchip Technology 16C57 Datasheet HTML 19Page - Microchip Technology 16C57 Datasheet HTML 20Page - Microchip Technology 16C57 Datasheet HTML 21Page - Microchip Technology 16C57 Datasheet HTML 22Page - Microchip Technology 16C57 Datasheet HTML 23Page - Microchip Technology 16C57 Datasheet HTML 24Page - Microchip Technology 16C57 Datasheet HTML 25Page - Microchip Technology 16C57 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 217 page
background image
PIC16C5X
DS30453B-page 22
Preliminary
© 1998 Microchip Technology Inc.
4.5
Program Counter
As a program instruction is executed, the Program
Counter (PC) will contain the address of the next
program instruction to be executed. The PC value is
increased by one every instruction cycle, unless an
instruction changes the PC.
For a GOTO instruction, bits 8:0 of the PC are provided
by the GOTO instruction word. The PC Latch (PCL) is
mapped to PC<7:0> (Figure 4-10 and Figure 4-11).
For the PIC16C56s, PIC16CR56s, PIC16C57s,
PIC16CR57s, PIC16C58s and PIC16CR58s, a page
number must be supplied as well. Bit5 and bit6 of the
STATUS register provide page information to bit9 and
bit10 of the PC (Figure 4-11 and Figure 4-12).
For a CALL instruction, or any instruction where the
PCL is the destination, bits 7:0 of the PC again are
provided by the instruction word. However, PC<8>
does not come from the instruction word, but is always
cleared (Figure 4-10 and Figure 4-11).
Instructions where the PCL is the destination, or
Modify PCL instructions, include MOVWF PC, ADDWF
PC,
and BSF PC,5.
For the PIC16C56s, PIC16CR56s, PIC16C57s,
PIC16CR57s, PIC16C58s and PIC16CR58s, a page
number again must be supplied. Bit5 and bit6 of the
STATUS register provide page information to bit9 and
bit10 of the PC (Figure 4-11 and Figure 4-12).
Note:
Because PC<8> is cleared in the CALL
instruction, or any Modify PCL instruction,
all subroutine calls or computed jumps are
limited to the first 256 locations of any pro-
gram memory page (512 words long).
FIGURE 4-10: LOADING OF PC
BRANCH INSTRUCTIONS -
PIC16C52, PIC16C54s,
PIC16CR54s, PIC16C55s
FIGURE 4-11: LOADING OF PC
BRANCH INSTRUCTIONS -
PIC16C56s/PIC16CR56s
PC
87
0
PCL
PC
87
0
PCL
Reset to '0'
Instruction Word
Instruction Word
GOTO
Instruction
CALL
or Modify PCL Instruction
PA1:PA0
2
STATUS
PC
87
0
PCL
9
10
PA1:PA0
2
STATUS
PC
87
0
PCL
9
10
Instruction Word
Reset to ‘0’
Instruction Word
70
70
GOTO
Instruction
CALL
or Modify PCL Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com