Electronic Components Datasheet Search
  English  ▼

X  

16F627 Datasheet(PDF) 6 Page - Microchip Technology

Part # 16F627
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F627 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 16F627 Datasheet HTML 2Page - Microchip Technology 16F627 Datasheet HTML 3Page - Microchip Technology 16F627 Datasheet HTML 4Page - Microchip Technology 16F627 Datasheet HTML 5Page - Microchip Technology 16F627 Datasheet HTML 6Page - Microchip Technology 16F627 Datasheet HTML 7Page - Microchip Technology 16F627 Datasheet HTML 8Page - Microchip Technology 16F627 Datasheet HTML 9Page - Microchip Technology 16F627 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 160 page
background image
PIC16F62X
DS40300B-page 6
Preliminary
© 1999 Microchip Technology Inc.
TABLE 1-1:
PIC16F62X FAMILY OF DEVICES
PIC16F627
PIC16F628
PIC16LF627
PIC16LF628
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
Memory
FLASH Program Memory (words) 1024
2048
1024
2048
RAM Data Memory (bytes)
224
224
224
224
EEPROM Data Memory (bytes)
128
128
128
128
Peripherals
Timer Module(s)
TMR0, TMR1, TMR2 TMR0, TMR1, TMR2
TMR0, TMR1, TMR2
TMR0, TMR1, TMR2
Comparators(s)
2
2
2
2
Capture/Compare/PWM modules
1
1
1
1
Serial Communications
USART
USART
USART
USART
Internal Voltage Reference
Yes
Yes
Yes
Yes
Features
Interrupt Sources
10
10
10
10
I/O Pins
16
16
16
16
Voltage Range (Volts)
3.0-5.5
3.0-5.5
2.0-5.5
2.0-5.5
Brown-out Detect
Yes
Yes
Yes
Yes
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PICmicro® Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current
capability. All PIC16F62X Family devices use serial programming with clock pin RB6 and data pin RB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com