Electronic Components Datasheet Search
  English  ▼

X  

16F627 Datasheet(PDF) 11 Page - Microchip Technology

Part # 16F627
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F627 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 16F627 Datasheet HTML 7Page - Microchip Technology 16F627 Datasheet HTML 8Page - Microchip Technology 16F627 Datasheet HTML 9Page - Microchip Technology 16F627 Datasheet HTML 10Page - Microchip Technology 16F627 Datasheet HTML 11Page - Microchip Technology 16F627 Datasheet HTML 12Page - Microchip Technology 16F627 Datasheet HTML 13Page - Microchip Technology 16F627 Datasheet HTML 14Page - Microchip Technology 16F627 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 11
PIC16F62X
TABLE 3-1:
PIC16F62X PINOUT DESCRIPTION
Name
DIP/
SOIC
Pin #
SSOP
Pin #
I/O/P
Type
Buffer
Type
Description
RA0/AN0
17
19
I/O
ST
Bi-directional I/O port/Analog comparator input
RA1/AN1
18
20
I/O
ST
Bi-directional I/O port/Analog comparator input
RA2/AN2/VREF
1
1
I/O
ST
Bi-directional I/O port/Analog comparator input/VREF out-
put
RA3/AN3/CMP1
2
2
I/O
ST
Bi-directional I/O port/Analog comparator input/compara-
tor output
RA4/T0CKI/CMP2
3
3
I/O
ST
Bi-directional I/O port/Can be configured as T0CKI/com-
parator output
RA5/MCLR/THV
4
4
I
ST
Input port/master clear (reset input/programming voltage
input. When configured as MCLR, this pin is an active low
reset to the device. Voltage on MCLR/THV must not
exceed VDD during normal device operation.
RA6/OSC2/CLKOUT
15
17
I/O
ST
Bi-directional I/O port/Oscillator crystal output. Connects
to crystal or resonator in crystal oscillator mode. In ER
mode, OSC2 pin outputs CLKOUT which has 1/4 the fre-
quency of OSC1, and denotes the instruction cycle rate.
RA7/OSC1/CLKIN
16
18
I/O
ST
Bi-directional I/O port/Oscillator crystal input/external
clock source input. ER biasing pin.
RB0/INT
6
7
I/O
TTL/ST(1)
Bi-directional I/O port/external interrupt. Can be software
programmed for internal weak pull-up.
RB1/RX/DT
7
8
I/O
TTL/ST
(3)
Bi-directional I/O port/ USART receive pin/synchronous
data I/O. Can be software programmed for internal weak
pull-up.
RB2/TX/CK
8
9
I/O
TTL/ST
(3)
Bi-directional I/O port/ USART transmit pin/synchronous
clock I/O. Can be software programmed for internal weak
pull-up.
RB3/CCP1
9
10
I/O
TTL/ST
(4)
Bi-directional I/O port/Capture/Compare/PWM I/O. Can
be software programmed for internal weak pull-up.
RB4/PGM
10
11
I/O
TTL/ST
(5)
Bi-directional I/O port/Low voltage programming input pin.
Wake-up from SLEEP on pin change. Can be software
programmed for internal weak pull-up. When low voltage
programming is enabled, the interrupt on pin change and
weak pull-up resistor are disabled.
RB5
11
12
I/O
TTL
Bi-directional I/O port/Wake-up from SLEEP on pin
change. Can be software programmed for internal weak
pull-up.
RB6/T1OSO/T1CKI
12
13
I/O
TTL/ST
(2)
Bi-directional I/O port/Timer1 oscillator output/Timer1
clock input. Wake up from SLEEP on pin change. Can be
software programmed for internal weak pull-up.
RB7/T1OSI
13
14
I/O
TTL/ST
(2)
Bi-directional I/O port/Timer1 oscillator input. Wake up
from SLEEP on pin change. Can be software programmed
for internal weak pull-up.
VSS
55,6
P
—
Ground reference for logic and I/O pins.
VDD
14
15,16
P
—
Positive supply for logic and I/O pins.
Legend:
O = output
I/O = input/output
P = power
— = Not used
I = Input
ST = Schmitt Trigger input
TTL = TTL input
I/OD =input/open drain output
Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt.
Note 2: This buffer is a Schmitt Trigger input when used in serial programming mode.
Note 3: This buffer is a Schmitt Trigger I/O when used in USART/Synchronous mode.
Note 4: This buffer is a Schmitt Trigger I/O when used in CCP mode.
Note 5: This buffer is a Schmitt Trigger input when used in low voltage program mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com