Electronic Components Datasheet Search
  English  ▼

X  

TL1451ACDBLE Datasheet(PDF) 5 Page - Texas Instruments

Part # TL1451ACDBLE
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1451ACDBLE Datasheet(HTML) 5 Page - Texas Instruments

  TL1451ACDBLE Datasheet HTML 1Page - Texas Instruments TL1451ACDBLE Datasheet HTML 2Page - Texas Instruments TL1451ACDBLE Datasheet HTML 3Page - Texas Instruments TL1451ACDBLE Datasheet HTML 4Page - Texas Instruments TL1451ACDBLE Datasheet HTML 5Page - Texas Instruments TL1451ACDBLE Datasheet HTML 6Page - Texas Instruments TL1451ACDBLE Datasheet HTML 7Page - Texas Instruments TL1451ACDBLE Datasheet HTML 8Page - Texas Instruments TL1451ACDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
5
www.ti.com
dead-time control section
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input bias current (DTC)
1
µA
Latch mode (source) current (DTC)
TA = 25°C
–80
–145
µA
Latched input voltage (DTC)
IO = 40 µA
2.3
V
Input threshold voltage at f
10 kHz (DTC)
Zero duty cycle
2.05
2.25
V
Input threshold voltage at f = 10 kHz (DTC)
Maximum duty cycle
1.2
1.45
V
† All typical values are at TA = 25°C.
error-amplifier section
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input offset voltage
VO (FEEDBACK) = 1.25 V
±6
mV
Input offset current
VO (FEEDBACK) = 1.25 V
±100
nA
Input bias current
VO (FEEDBACK) = 1.25 V
160
500
nA
1.05
Common-mode input voltage range
VCC = 3.6 V to 40 V
1.05
to
V
Common mode in ut voltage range
VCC = 3.6 V to 40 V
to
1.45
V
Open-loop voltage amplification
RF = 200 kΩ
70
80
dB
Unity-gain bandwidth
1.5
MHz
Common-mode rejection ratio
60
80
dB
Positive output voltage swing
Vref–0.1
V
Negative output voltage swing
1
V
Output (sink) current (FEEDBACK)
VID = –0.1 V,
VO = 1.25 V
0.5
1.6
mA
Output (source) current (FEEDBACK)
VID = 0.1 V,
VO = 1.25 V
–45
–70
µA
† All typical values are at TA = 25°C.
output section
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Collector off-state current
VO = 50 V
10
µA
Output saturation voltage
IO = 10 mA
1.2
2
V
Short-circuit output current
VO = 6 V
90
mA
† All typical values are at TA = 25°C.
pwm comparator section
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input threshold voltage at f
10 kHz (FEEDBACK)
Zero duty cycle
2.05
2.25
V
Input threshold voltage at f = 10 kHz (FEEDBACK)
Maximum duty cycle
1.2
1.45
V
† All typical values are at TA = 25°C.
total device
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Standby supply current
Off-state
1.3
1.8
mA
Average supply current
RT = 10 kΩ
1.7
2.4
mA
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com