Electronic Components Datasheet Search
  English  ▼

X  

TL1451ACDBLE Datasheet(PDF) 6 Page - Texas Instruments

Part # TL1451ACDBLE
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1451ACDBLE Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL1451ACDBLE Datasheet HTML 2Page - Texas Instruments TL1451ACDBLE Datasheet HTML 3Page - Texas Instruments TL1451ACDBLE Datasheet HTML 4Page - Texas Instruments TL1451ACDBLE Datasheet HTML 5Page - Texas Instruments TL1451ACDBLE Datasheet HTML 6Page - Texas Instruments TL1451ACDBLE Datasheet HTML 7Page - Texas Instruments TL1451ACDBLE Datasheet HTML 8Page - Texas Instruments TL1451ACDBLE Datasheet HTML 9Page - Texas Instruments TL1451ACDBLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
6
www.ti.com
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
f = 200 kHz (unless otherwise noted)
reference section
PARAMETER
TEST CONDITIONS
TL1451AQ, TL1451AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
O tp t oltage (pin 16)
I1 mA
TA = 25°C
2.40
2.50
2.60
V
Output voltage (pin 16)
IO = 1 mA
TA = MIN and 125°C
2.35
2.46
2.65
V
Output voltage change with temperature
–0.63%
*
±4%
TA = 25°C
2.0
12.5
Input voltage regulation
VCC = 3.6 V to 40 V
TA = 125°C
0.7
15
mV
In ut voltage regulation
VCC 3.6 V to 40 V
TA = MIN
0.3
30
mV
TA = 25°C
1.0
7.5
Output voltage regulation
IO = 0.1 mA to 1 mA
TA = 125°C
0.3
14
mV
Out ut voltage regulation
IO 0.1 mA to 1 mA
TA = MIN
0.3
20
mV
Short-circuit output current
VO = 0
3
10
30
mA
*These parameters are not production tested.
† All typical values are at TA = 25°C unless otherwise indicated.
undervoltage lockout section
PARAMETER
TEST CONDITIONS
TL1451AQ, TL1451AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
TA = 25°C
2.72
Upper threshold voltage (VCC)
TA = 125°C
1.70
V
Uer threshold voltage (VCC)
TA = MIN
3.15
V
TA = 25°C
2.60
Lower threshold voltage (VCC)
TA = 125°C
1.65
V
Lower threshold voltage (VCC)
TA = MIN
3.09
V
TA = 25°C
80
120
Hysteresis (VCC)
TA = 125°C
10
50
mV
Hysteresis (VCC)
TA = MIN
10
60
mV
TA = 25°C
1.50
Reset threshold voltage (VCC)
TA = 125°C
0.95
V
g( CC)
TA = MIN
1.50
† All typical values are at TA = 25°C unless otherwise indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com