Electronic Components Datasheet Search
  English  ▼

X  

PIC16LC620-20/SS Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16LC620-20/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-20/SS Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16LC620-20/SS Datasheet HTML 76Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 77Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 78Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 79Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 80Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 81Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 82Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 83Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 108 page
background image
PIC16C62X
DS30235G-page 80
Preliminary
© 1998 Microchip Technology Inc.
TABLE 12-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16C62X-04
PIC16C62XA-04
PIC16C62X-20
PIC16C62XA-20
PIC16LC62X-04
PIC16C62X/JW
PIC16C62XA/JW
RC
VDD: 3.0V to 6.0V
IDD: 3.3 mA max.
@5.5V
IPD: 20
µA max.
@4.0V
Freq: 4.0 MHz
max.
VDD: 3.0V to 5.5V
IDD: 3.3 mA max.
@5.5V
IPD: 20
µA max.
@4.0V
Freq: 4.0 MHz
max.
VDD: 3.0V to 6.0V
IDD: 1.8 mA typ.
@5.5V
IPD: 1.0
µA typ.
@4.5V
Freq: 4.0 MHz
max.
VDD: 3.0V to 5.5V
IDD: 1.8 mA typ.
@5.5V
IPD: 1.0
µA typ.
@4.5V
Freq: 4.0 MHz
max.
VDD: 3.0V to 6.0V
IDD: 1.4 mA typ.
@3.0V
IPD: 0.7
µA typ.
@3.0V
Freq: 4.0 MHz
max.
VDD: 3.0V to 6.0V
IDD: 3.3 mA max.
@5.5V
IPD: 20
µA max.
@4.0V
Freq: 4.0 MHz
max.
VDD: 3.0V to 5.5V
IDD: 3.3 mA max.
@5.5V
IPD: 20
µA max.
@4.0V
Freq: 4.0 MHz
max.
XT
VDD: 3.0V to 6.0V
IDD: 3.3 mA max.
@5.5V
IPD: 20
µA max.
@4.0V
Freq: 4.0 MHz
max.
VDD: 3.0V to 5.5V
IDD: 3.3 mA max.
@5.5V
IPD: 20
µA max.
@4.0V
Freq: 4.0 MHz
max.
VDD: 3.0V to 6.0V
IDD: 1.8 mA typ.
@5.5V
IPD: 1.0
µA typ.
@4.5V
Freq: 4.0 MHz
max.
VDD: 3.0V to 5.5V
IDD: 1.8 mA typ.
@5.5V
IPD: 1.0
µA typ.
@4.5V
Freq: 4.0 MHz
max.
VDD: 3.0V to 6.0V
IDD: 1.4 mA typ.
@3.0V
IPD: 0.7
µA typ.
@3.0V
Freq: 4.0 MHz
max.
VDD: 3.0V to 6.0V
IDD: 3.3 mA max.
@5.5V
IPD: 20
µA max.
@4.0V
Freq: 4.0 MHz
max.
VDD: 3.0V to 5.5V
IDD: 3.3 mA max.
@5.5V
IPD: 20
µA max.
@4.0V
Freq: 4.0 MHz
max.
HS
VDD: 4.5V to 5.5V
IDD: 9.0 mA typ.
@5.5V
IPD: 1.0
µA typ.
@4.0V
Freq: 4.0 MHz
max.
VDD: 4.5V to 5.5V
IDD: 3.5 mA typ.
@5.5V
IPD: 1.0
µA typ.
@4.0V
Freq: 4.0 MHz
max.
VDD: 4.5V to 5.5V
IDD: 20 mA max.
@5.5V
IPD: 1.0
µA typ.
@4.5V
Freq: 20 MHz
max.
VDD: 4.5V to 5.5V
IDD: 7.5 mA max.
@5.5V
IPD: 1.0
µA typ.
@4.5V
Freq: 20 MHz
max.
N/A
VDD: 4.5V to 5.5V
IDD: 20 mA max.
@5.5V
IPD: 1.0
µA typ.
@4.5V
Freq: 20 MHz
max.
VDD: 4.5V to 5.5V
IDD: 20 mA max.
@5.5V
IPD: 1.0
µA typ.
@4.5V
Freq: 20 MHz
max.
LP
VDD: 3.0V to 6.0V
IDD: 35
µA typ.
@32 kHz,
3.0V
IPD: 1.0
µA typ.
@4.0 V
Freq: 200 kHz
max.
VDD: 3.0V to 5.5V
IDD: 35
µA typ.
@32 kHz,
3.0V
IPD: 1.0
µA typ.
@4.0 V
Freq: 200 kHz
max.
N/A
N/A
VDD: 2.5V to 6.0V
IDD: 32
µA max.
@32 kHz,
3.0V
IPD: 9.0
µA max.
@3.0V
Freq: 200 kHz
max.
VDD: 2.5V to 6.0V
IDD: 32
µA max.
@32 kHz,
3.0V
IPD: 9.0
µA Max.
@3.0V
Freq: 200 kHz
max.
VDD: 3.0V to 5.5V
IDD: 32
µA max.
@32 kHz, 3.0V
IPD: 9.0
µA Max.
@3.0V
Freq: 200 kHz
max.
The shaded sections indicate oscillator selections which are tested for functionality, but not for MIN/MAX specifications. It is recom-
mended that the user select the device type that the specifications required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com