Electronic Components Datasheet Search
  English  ▼

X  

PIC16LC620-20/SS Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16LC620-20/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-20/SS Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16LC620-20/SS Datasheet HTML 13Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 14Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 15Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 16Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 17Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 18Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 19Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 20Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30235G-page 17
PIC16C62X
4.2.2
SPECIAL FUNCTION REGISTERS
The special function registers are registers used by the
CPU and Peripheral functions for controlling the
desired operation of the device (Table 4-1). These
registers are static RAM.
The special registers can be classified into two sets
(core and peripheral). The special function registers
associated with the “core” functions are described in
this section. Those related to the operation of the
peripheral features are described in the section of that
peripheral feature.
TABLE 4-1:
SPECIAL REGISTERS FOR THE PIC16C62X
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR Reset
Value on all
other
resets(1)
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical
register)
xxxx xxxx
xxxx xxxx
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
uuuu uuuu
02h
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
0000 0000
03h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
04h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
05h
PORTA
—
—
—
RA4
RA3
RA2
RA1
RA0
---x 0000
---u 0000
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
07h
Unimplemented
—
—
08h
Unimplemented
—
—
09h
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
—
CMIF
—
—
—
—
—
—
-0-- ----
-0-- ----
0Dh-1Eh
Unimplemented
—
—
1Fh
CMCON
C2OUT
C1OUT
—
—
CIS
CM2
CM1
CM0
00-- 0000
00-- 0000
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical
register)
xxxx xxxx
xxxx xxxx
81h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
82h
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
0000 0000
83h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
84h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
85h
TRISA
—
—
—
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
---1 1111
---1 1111
86h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
1111 1111
87h
Unimplemented
—
—
88h
Unimplemented
—
—
89h
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
8Ch
PIE1
—
CMIE
—
—
—
—
—
—
-0-- ----
-0-- ----
8Dh
Unimplemented
—
—
8Eh
PCON
—
—
—
—
—
—
POR
BOR
---- --0x
---- --uq
8Fh-9Eh
Unimplemented
—
—
9Fh
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
000- 0000
000- 0000
Legend: — = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note 1: Other (non power-up) resets include MCLR reset, Brown-out Reset and Watchdog Timer Reset during
normal operation.
Note 2: IRP & RPI bits are reserved, always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com