Electronic Components Datasheet Search
  English  ▼

X  

PIC16LC620-20/SS Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16LC620-20/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-20/SS Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16LC620-20/SS Datasheet HTML 98Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 99Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 100Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 101Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 102Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 103Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 104Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 105Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 108 page
background image
PIC16C62X
DS30235G-page 102
Preliminary
© 1998 Microchip Technology Inc.
APPENDIX C: WHAT’S NEW
The format of certain sections of this data sheet have
been changed to be consistent with other product
families.
1.
PORTB input buffers have changed to TTL from
Schmitt Trigger.
APPENDIX D: WHAT’S CHANGED
1.
Table 3-1 was changed to reflect the TTL input
buffers on PORTB.
2.
Figure 5-5 and Figure 5-6 were updated to
reflect the TTL input buffers on PORTB.
3.
Figure 9-7 was updated.
4.
The orientation of the diode in Figure 9-19 was
changed.
5.
A device specification for JW devices was added
to Table 12-1.
6.
Max spec for Brown-out Reset current was
changed
to
15
µA in Section 12.1 and
Section 12.2.
7.
Information added to support the 2.5V "LC"
devices.
8.
Information added to support the "A" version of
the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com