Electronic Components Datasheet Search
  English  ▼

X  

BTS247Z Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS247Z
Description  Enhancement mode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS247Z Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS247Z Datasheet HTML 3Page - Infineon Technologies AG BTS247Z Datasheet HTML 4Page - Infineon Technologies AG BTS247Z Datasheet HTML 5Page - Infineon Technologies AG BTS247Z Datasheet HTML 6Page - Infineon Technologies AG BTS247Z Datasheet HTML 7Page - Infineon Technologies AG BTS247Z Datasheet HTML 8Page - Infineon Technologies AG BTS247Z Datasheet HTML 9Page - Infineon Technologies AG BTS247Z Datasheet HTML 10Page - Infineon Technologies AG BTS247Z Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
7
Rev.1.4, 2013-07-26
Speed TEMPFET
BTS247Z
2 Drain current
ID = f(TC); VGS  4.5V
0
20
40
60
80
100 120 140 °C
180
TC
0
5
10
15
20
25
30
A
40
1 Maximum allowable power dissipation
Ptot = f(TC)
-40
0
40
80
120
°C
180
TC
0
10
20
30
40
50
60
70
80
90
100
110
W
130
3 Typ. transient thermal impedance
ZthJA=f(tp) @ 6 cm2 cooling area
Parameter:
D=tp/T
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
3
s
tp
-1
10
0
10
1
10
2
10
K/W
Single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
4 Transient thermal impedance
ZthJC = f (tp)
parameter :
D = tp/T
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
2
s
tp
-4
10
-3
10
-2
10
-1
10
0
10
1
10
K/W
Single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com