Electronic Components Datasheet Search
  English  ▼

X  

BTS247Z Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS247Z
Description  Enhancement mode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS247Z Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS247Z Datasheet HTML 5Page - Infineon Technologies AG BTS247Z Datasheet HTML 6Page - Infineon Technologies AG BTS247Z Datasheet HTML 7Page - Infineon Technologies AG BTS247Z Datasheet HTML 8Page - Infineon Technologies AG BTS247Z Datasheet HTML 9Page - Infineon Technologies AG BTS247Z Datasheet HTML 10Page - Infineon Technologies AG BTS247Z Datasheet HTML 11Page - Infineon Technologies AG BTS247Z Datasheet HTML 12Page - Infineon Technologies AG BTS247Z Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Speed TEMPFET
BTS247Z
Data Sheet
10
Rev.1.4, 2013-07-26
13 Typ. gate charge
VGS = f(QGate); ID puls = 45 A
0
10
20
30
40
50
60
70
80 nC 100
QGate
0
2
4
6
8
10
12
V
16
BTS 247 Z
0,8
V
DS max
DS max
V
0,2
14 Drain-source break down voltage
V(BR)DSS = f(Tj)
-40
0
40
80
120
°C
180
Tj
50
52
54
56
58
60
62
V
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com