Electronic Components Datasheet Search
  English  ▼

X  

PE1400 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE1400
Description  Rotary Joint Operating to 18 GHz 2.92mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1400 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE1400 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1400 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1400 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
TECHNICAL DATA SHEET
Rotary Joint Operating to 18 GHz 2.92mm Female 2.92mm Female Connectors from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Rotary Joint Operating to 18 GHz 2.92mm Female 2.92mm Female Connectors PE1400
URL: http://www.pasternack.com/rotary-joint-18-ghz-2.92mm-female-2.92mm-female-connectors-pe1400-p.aspx
PE1400
PE1400 REV 1.0
Rotary Joint Operating to 18 GHz 2.92mm
Female 2.92mm Female Connectors



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com