Electronic Components Datasheet Search
  English  ▼

X  

PE1400 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1400
Description  Rotary Joint Operating to 18 GHz 2.92mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1400 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1400 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1400 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1400 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
2.92mm Female
Impedance 1
50 Ohms
Connector 2
2.92mm Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.4:1
Input Power
30
Watts
Peak Power
3
KWatts
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 6
6 to 12.4
12.4 to 18
GHz
VSWR
1.15:1
1.3:1
1.4:1
VSWR Rotational Variance
0.01:1
0.02:1
0.03:1
Insertion Loss
0.3
0.4
0.6
dB
InsertionLossRotationalVariance
0.03
0.05
0.1
dB
Phase Rotational Variance
0.5
1
1.5
dB
.
Mechanical Specifications
Description
Minimum
Typical
Maximum
Units
Speed
100
RPM
.
Temperature
Operating Range
-40 to +70 deg C
Size
Length
1 in [25.4 mm]
Width
0.56 in [14.22 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Rotary Joint Operating to 18 GHz 2.92mm Female 2.92mm Female Connectors PE1400
PE1400
PE1400 REV 1.0
Rotary Joint Operating to 18 GHz 2.92mm
Female 2.92mm Female Connectors


Similar Part No. - PE1400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE140 VISHAY-PE140 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
Pasternack Enterprises,...
PE1401 PASTERNACK-PE1401 Datasheet
325Kb / 3P
Rotary Joint Operating to 6 GHz SMA
PE1402 PASTERNACK-PE1402 Datasheet
325Kb / 3P
Rotary Joint Operating to 18 GHz 2.92mm
logo
Pan Jit International I...
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M1Q_R1_00001 PANJIT-PE1403M1Q_R1_00001 Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
More results

Similar Description - PE1400

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9812 PASTERNACK-PE9812 Datasheet
266Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9878 PASTERNACK-PE9878 Datasheet
233Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE1401 PASTERNACK-PE1401 Datasheet
325Kb / 3P
Rotary Joint Operating to 6 GHz SMA
PE1402 PASTERNACK-PE1402 Datasheet
325Kb / 3P
Rotary Joint Operating to 18 GHz 2.92mm
PE-W42CA002 PASTERNACK-PE-W42CA002 Datasheet
424Kb / 4P
WR-42 With UG595-U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz K Band
PE71S2019 PASTERNACK-PE71S2019 Datasheet
451Kb / 6P
2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PE71S2020 PASTERNACK-PE71S2020 Datasheet
432Kb / 6P
2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PE8254 PASTERNACK-PE8254 Datasheet
245Kb / 3P
50 Ohm 2.92mm To 2.92mm Phase Shifter Operating From 26.5 GHz to 40 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE9813A PASTERNACK-PE9813A Datasheet
364Kb / 3P
WR-42 UG-595/U Square Cover Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com