Electronic Components Datasheet Search
  English  ▼

X  

PE38857 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE38857
Description  FME Plug Bulkhead to UMCX Plug Front Mount Cable Using 1.13mm Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE38857 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE38857 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE38857 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE38857 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Plotted and Other Data
Notes:
Valuesat25°C,sealevel
FME Plug Bulkhead to UMCX Plug Front Mount Cable Using 1.13mm Coax from Pasternack Enterprises has same day
shipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%availabilityand
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: FME Plug Bulkhead to UMCX Plug Front Mount Cable Using 1.13mm Coax PE38857
URL:http://www.pasternack.com/fme-plug-umcx-plug-1.13mm-cable-assembly-pe38857-p.aspx
PE38857 REV
PE38857
FME Plug Bulkhead to UMCX Plug Front
Mount Cable Using 1.13mm Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com