Electronic Components Datasheet Search
  English  ▼

X  

PE38857 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE38857
Description  FME Plug Bulkhead to UMCX Plug Front Mount Cable Using 1.13mm Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE38857 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE38857 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE38857 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE38857 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
FME Plug Bulkhead to UMCX Plug Front Mount Cable Using 1.13mm Coax
Configuration
Connector 1
FME Plug Bulkhead
Connector 2
UMCX Plug Right Angle
Cable Type
1.13mm
Electrical Specifications
Frequency Range, GHz
DC to 1.8
Impedance, Ohms
50
Dielectric Withstanding Voltage (AC), Vrms
200
Mechanical Specifications
Cable Assembly
Cable Type
1.13mm
Temperature
Temperature Operating Range, deg C
-40 to +90
Diameter, in [mm]
0.044 [1.12]
.
Weight, lbs [g]
0.1 [45.36]
Cable
No of Shields
1
Jacket Material
FEP
Jacket Diameter, in [mm]
0.044 [1.12]
Connector 1
Type
FME Plug Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
DielectricType
Teflon
Connector 2
Type
UMCX Plug Right Angle
Configuration
RightAngle
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Phosphor Bronze, Gold
Dielectric Type
PBT
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: FME Plug Bulkhead to UMCX Plug Front Mount Cable Using 1.13mm Coax PE38857
PE38857 REV
PE38857
FME Plug Bulkhead to UMCX Plug Front
Mount Cable Using 1.13mm Coax


Similar Part No. - PE38857

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE38857-12 PASTERNACK-PE38857-12 Datasheet
328Kb / 3P
FME Plug Bulkhead to UMCX Plug Front Mount Cable 12 Inch Length Using 1.13mm Coax
PE38857-18 PASTERNACK-PE38857-18 Datasheet
328Kb / 3P
FME Plug Bulkhead to UMCX Plug Front Mount Cable 18 Inch Length Using 1.13mm Coax
PE38857-6 PASTERNACK-PE38857-6 Datasheet
328Kb / 3P
FME Plug Bulkhead to UMCX Plug Front Mount Cable 6 Inch Length Using 1.13mm Coax
More results

Similar Description - PE38857

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE38295 PASTERNACK-PE38295 Datasheet
228Kb / 3P
UMCX Plug to UMCX Plug Cable Using 1.13mm Coax
PE38858 PASTERNACK-PE38858 Datasheet
228Kb / 3P
FME Plug Bulkhead to UMCX Plug Rear Mount Cable Using 1.13mm Coax
PE38298 PASTERNACK-PE38298 Datasheet
232Kb / 3P
UMCX Plug to MCX Jack Bulkhead Cable Using 1.13mm Coax
PE38857-6 PASTERNACK-PE38857-6 Datasheet
328Kb / 3P
FME Plug Bulkhead to UMCX Plug Front Mount Cable 6 Inch Length Using 1.13mm Coax
PE38857-12 PASTERNACK-PE38857-12 Datasheet
328Kb / 3P
FME Plug Bulkhead to UMCX Plug Front Mount Cable 12 Inch Length Using 1.13mm Coax
PE38857-18 PASTERNACK-PE38857-18 Datasheet
328Kb / 3P
FME Plug Bulkhead to UMCX Plug Front Mount Cable 18 Inch Length Using 1.13mm Coax
PE38858-6 PASTERNACK-PE38858-6 Datasheet
229Kb / 3P
FME Plug Bulkhead to UMCX Plug Rear Mount Cable 6 Inch Length Using 1.13mm Coax
PE38858-12 PASTERNACK-PE38858-12 Datasheet
229Kb / 3P
FME Plug Bulkhead to UMCX Plug Rear Mount Cable 12 Inch Length Using 1.13mm Coax
PE38858-18 PASTERNACK-PE38858-18 Datasheet
229Kb / 3P
FME Plug Bulkhead to UMCX Plug Rear Mount Cable 18 Inch Length Using 1.13mm Coax
PE38297 PASTERNACK-PE38297 Datasheet
243Kb / 3P
SMA Female Bulkhead to UMCX Plug Cable Using 1.13mm Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com