Electronic Components Datasheet Search
  English  ▼

X  

PE315 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE315
Description  3.5mm Male to 3.5mm Male VNA Test Cable, ROHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE315 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE315 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE315 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE315 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE315 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Plotted and Other Data
Notes:
Values at 25 °C, sea level
3.5mm Male to 3.5mm Male VNA Test Cable, ROHS from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Male VNA Test Cable, ROHS PE315
URL: http://www.pasternack.com/3.5mm-male-3.5mm-male-vna-cable-cable-assembly-pe315-p.aspx
PE315 REV 1.0
PE315
3.5mm Male to 3.5mm Male VNA Test Cable, ROHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com