Electronic Components Datasheet Search
  English  ▼

X  

PE315 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE315
Description  3.5mm Male to 3.5mm Male VNA Test Cable, ROHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE315 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE315 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE315 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE315 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE315 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
3.5mm Male to 3.5mm Male VNA Test Cable, ROHS
Configuration
Connector 1
3.5mm Male
Connector 1 Specification
MIL-STD-348
Connector 2
3.5mm Male
Connector 2 Specification
MIL-STD-348
Cable Type
VNA Cable
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Impedance, Ohms
50
Maximum VSWR
1.29:1
Velocity of Propagation, %
77
RF Shielding, dB
100
Dielectric Withstanding Voltage (AC), Vrms
1,000
Typical Performance by Frequency
Frequency 1
Frequency, MHz
1000
VSWR
1.07:1
Return Loss, dB
30
Insertion Loss
0.08 dB/ft [ 0.26 dB/m ]
Frequency 2
Frequency, GHz
10
VSWR
1.12:1
Return Loss, dB
25
Insertion Loss
0.28 dB/ft [ 0.92 dB/m ]
Power Handling, Watts
286
Frequency 3
Frequency, GHz
18
VSWR
1.22:1
Return Loss, dB
20
Insertion Loss
0.39 dB/ft [ 1.28 dB/m ]
Frequency 4
Frequency, GHz
26.5
VSWR
1.29:1
Return Loss, dB
18
Insertion Loss
0.49 dB/ft [ 1.61 dB/m ]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Male VNA Test Cable, ROHS PE315
PE315 REV 1.0
PE315
3.5mm Male to 3.5mm Male VNA Test Cable, ROHS


Similar Part No. - PE315

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE315-24 PASTERNACK-PE315-24 Datasheet
401Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE315-36 PASTERNACK-PE315-36 Datasheet
242Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE315-48 PASTERNACK-PE315-48 Datasheet
401Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE315-60 PASTERNACK-PE315-60 Datasheet
399Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE315-72 PASTERNACK-PE315-72 Datasheet
242Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
More results

Similar Description - PE315

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE315-36 PASTERNACK-PE315-36 Datasheet
242Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE315-72 PASTERNACK-PE315-72 Datasheet
242Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
PE317-24 PASTERNACK-PE317-24 Datasheet
244Kb / 4P
3.5mm Male to 3.5mm Female Test Cable 24 Inch Length Using VNA Cable Coax, RoHS
PE317-36 PASTERNACK-PE317-36 Datasheet
244Kb / 4P
3.5mm Male to 3.5mm Female Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE317-72 PASTERNACK-PE317-72 Datasheet
244Kb / 4P
3.5mm Male to 3.5mm Female Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
PE369 PASTERNACK-PE369 Datasheet
364Kb / 4P
3.5mm Male to 3.5mm Male Test Cable Using PE-P160 Coax, RoHS
PE369-36 PASTERNACK-PE369-36 Datasheet
393Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PE369-48 PASTERNACK-PE369-48 Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PE369-100CM PASTERNACK-PE369-100CM Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 100 CM Length Using PE-P160 Coax, RoHS
PE369-150CM PASTERNACK-PE369-150CM Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 150 CM Length Using PE-P160 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com