Electronic Components Datasheet Search
  English  ▼

X  

PE337 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE337
Description  N Male to SMA Male with Reduced Diameter SMA Body
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE337 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE337 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE337 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE337 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE337 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE337 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
4
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
N Male to SMA Male with Reduced Diameter SMA Body Low Loss Test Cable Using PE-P300LL Coax, RoHS from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to SMA Male with Reduced Diameter SMA Body Low Loss Test Cable Using PE-P300LL
Coax, RoHS PE337
URL: http://www.pasternack.com/n-male-sma-male-pe-p300ll-cable-assembly-pe337-p.aspx
PE337 REV 1.0
PE337
N Male to SMA Male with Reduced Diameter SMA Body
Low Loss Test Cable Using PE-P300LL Coax, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com