Electronic Components Datasheet Search
  English  ▼

X  

PE337 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE337
Description  N Male to SMA Male with Reduced Diameter SMA Body
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE337 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE337 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE337 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE337 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE337 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE337 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
The PE330 high performance test cable’s 0.3 inch diameter and 83% phase velocity offer very low loss performance up to 18
GHz. The durable stainless steel connectors and FEP jacket provide a cost effective design ideal for test environments where
a rugged cable assembly is required. The reduced 0.49 inch diameter SMA body allows for attachment to closely spaced con-
nection points found on multiport components and interface panels. The series is offered with Type N, TNC, and SMA connec-
tors all rated to 18 GHz. A heavy Duty boot provides improved strain relief and adds to the durability of the cable assemblies.
These cable assemblies are built using a double shielded flexible cable, providing excellent shielding effectiveness of greater
than 95 dB. All PE330 cable assemblies are 100% Continuity, Hi-POT, and RF tested to published specifications. Custom
lengths are built to order and shipped same day.
• SMA Body diameter of 0.49 inches
• 83% Velocity of Propagation
• Shielding effectiveness > 95 dB
Maximum VSWR is < 1.35:1 to 18 GHz
• Minimum Bend Radius of 1.5 inches
• Operating Temperature range of -55 to +125 °C
• ROHS and REACH Compliant
• Same day shipment of custom lengths
• 100% Continuity, Hi-Pot, and RF tested
Configuration
Connector 1
N Male
Connector 2
SMA Male
Cable Type
PE-P300LL
Electrical Specifications
Frequency Range
DC to 18 GHz
Impedance
50 Ohms
Maximum VSWR
1.35:1
Velocity of Propagation
83 %
RF Shielding
95 dB
Typical Performance by Frequency
Frequency 1
Frequency
400 MHz
Insertion Loss
0 dB/ft [0.10 dB/m]
Power Handling, KWatts
2.9
Frequency 2
Frequency
1000 MHz
Insertion Loss
0.05 dB/ft [0.16 dB/m]
Power Handling
1.8 KWatts
Frequency 3
Frequency
2 GHz
Insertion Loss
0.07 dB/ft [0.23 dB/m]
Power Handling
1.2 KWatts
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to SMA Male with Reduced Diameter SMA Body Low Loss Test Cable Using PE-
P300LL Coax, RoHS PE337
PE337 REV 1.0
PE337
N Male to SMA Male with Reduced Diameter SMA Body
Low Loss Test Cable Using PE-P300LL Coax, RoHS


Similar Part No. - PE337

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE337-100CM PASTERNACK-PE337-100CM Datasheet
415Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE337-12 PASTERNACK-PE337-12 Datasheet
415Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE337-120 PASTERNACK-PE337-120 Datasheet
474Kb / 5P
TECHNICAL DATA SHEET
PE337-150CM PASTERNACK-PE337-150CM Datasheet
415Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE337-200CM PASTERNACK-PE337-200CM Datasheet
415Kb / 5P
RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE337

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
SMA Male to SMA Male Adapter
PE9080 PASTERNACK-PE9080 Datasheet
253Kb / 3P
SMA Male to N Male Adapter
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
Precision SMA Male to SMA Male Adapter
PE9431 PASTERNACK-PE9431 Datasheet
259Kb / 3P
Precision SMA Male to N Male Adapter
PE304 PASTERNACK-PE304 Datasheet
239Kb / 4P
SMA Male to N Male Precision Cable
logo
List of Unclassifed Man...
5006 ETC2-5006 Datasheet
134Kb / 1P
TYPE N MALE TO SMA MALE ADAPTER
5390 ETC2-5390 Datasheet
102Kb / 1P
SMA MALE TO SMA MALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE3822 PASTERNACK-PE3822 Datasheet
271Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMA MALE
PE91135 PASTERNACK-PE91135 Datasheet
358Kb / 4P
SMA Male to SMA Male Adapter
logo
Linx Technologies
ADP-SMAM-SMAM LINX-ADP-SMAM-SMAM Datasheet
219Kb / 1P
SMA MALE TO SMA MALE ADAPTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com