Electronic Components Datasheet Search
  English  ▼

X  

IFX52001 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IFX52001
Description  Reduces relay hold current to min. 40mA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX52001 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IFX52001 Datasheet HTML 1Page - Infineon Technologies AG IFX52001 Datasheet HTML 2Page - Infineon Technologies AG IFX52001 Datasheet HTML 3Page - Infineon Technologies AG IFX52001 Datasheet HTML 4Page - Infineon Technologies AG IFX52001 Datasheet HTML 5Page - Infineon Technologies AG IFX52001 Datasheet HTML 6Page - Infineon Technologies AG IFX52001 Datasheet HTML 7Page - Infineon Technologies AG IFX52001 Datasheet HTML 8Page - Infineon Technologies AG IFX52001 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Constant Current Relay Driver
IFX52001
CCRD
Standard Power
Data Sheet
Rev.1.01, 2015-10-23


Similar Part No. - IFX52001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX54211MB INFINEON-IFX54211MB Datasheet
1Mb / 19P
High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
IFX54211MBV33 INFINEON-IFX54211MBV33 Datasheet
1Mb / 19P
High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
IFX54211MB INFINEON-IFX54211MB_V33 Datasheet
268Kb / 2P
Sense2GoL pulse development kit
12 / 2019
IFX54441 INFINEON-IFX54441 Datasheet
2Mb / 31P
Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
More results

Similar Description - IFX52001

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA028MAPS1 MSPI-ZA028MAPS1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASP1 MSPI-ZA028MASP1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASR8 MSPI-ZA028MASR8 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASU2 MSPI-ZA028MASU2 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MDCM1 MSPI-ZA028MDCM1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDDP2 MSPI-ZA028MDDP2 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDDP3 MSPI-ZA028MDDP3 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDMT3 MSPI-ZA028MDMT3 Datasheet
133Kb / 1P
Current Draw 40mA MAX
ZA028MDMT7 MSPI-ZA028MDMT7 Datasheet
133Kb / 1P
Current Draw 40mA MAX
ZA028MDSR8 MSPI-ZA028MDSR8 Datasheet
131Kb / 1P
Current Draw 40mA MAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com