Electronic Components Datasheet Search
  English  ▼

X  

LM2622 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2622
Description  LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2622 Datasheet(HTML) 4 Page - Texas Instruments

  LM2622 Datasheet HTML 1Page - Texas Instruments LM2622 Datasheet HTML 2Page - Texas Instruments LM2622 Datasheet HTML 3Page - Texas Instruments LM2622 Datasheet HTML 4Page - Texas Instruments LM2622 Datasheet HTML 5Page - Texas Instruments LM2622 Datasheet HTML 6Page - Texas Instruments LM2622 Datasheet HTML 7Page - Texas Instruments LM2622 Datasheet HTML 8Page - Texas Instruments LM2622 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM2622
SNVS068E – MAY 2000 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN
12V
SW Voltage
18V
FB Voltage
7V
VC Voltage
7V
SHDN Voltage
7V
FSLCT
12V
Maximum Junction Temperature
150°C
Power Dissipation(3)
Internally Limited
Lead Temperature
300°C
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
ESD Susceptibility
(4)
Human Body Model
2kV
Machine Model
200V
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be ensured. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. See the Electrical Characteristics table for the thermal resistance of various layouts.
The maximum allowable power dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding
the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
Operating Conditions
Operating Junction Temperature Range (1)
−40°C to +125°C
Storage Temperature
−65°C to +150°C
Supply Voltage
2V to 12V
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Electrical Characteristics
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C)Unless otherwise specified. VIN =2.0V and IL = 0A, unless otherwise specified.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IQ
Quiescent Current
FB = 0V (Not Switching)
1.3
2.0
mA
VSHDN = 0V
5
10
µA
VFB
Feedback Voltage
1.2285
1.26
1.2915
V
ICL
(3)
Switch Current Limit
VIN = 2.7V
(4)
1.0
1.65
2.3
A
ΔVO/ΔILOAD
Load Regulation
VIN = 3.3V
6.7
mV/A
%VFB/ΔVIN
Feedback Voltage Line
2.0V
≤ VIN ≤ 12.0V
0.013
0.1
%/V
Regulation
IB
FB Pin Bias Current (5)
0.5
20
nA
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Duty cycle affects current limit due to ramp generator.
(4)
Current limit at 0% duty cycle. See Typical Performance Characteristics section for Switch Current Limit vs. VIN
(5)
Bias current flows into FB pin.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com