Electronic Components Datasheet Search
  English  ▼

X  

LM2622 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2622
Description  LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2622 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2622 Datasheet HTML 5Page - Texas Instruments LM2622 Datasheet HTML 6Page - Texas Instruments LM2622 Datasheet HTML 7Page - Texas Instruments LM2622 Datasheet HTML 8Page - Texas Instruments LM2622 Datasheet HTML 9Page - Texas Instruments LM2622 Datasheet HTML 10Page - Texas Instruments LM2622 Datasheet HTML 11Page - Texas Instruments LM2622 Datasheet HTML 12Page - Texas Instruments LM2622 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
:
RFB1 = RFB2 x
VOUT - 1.26
1.26
VOUT =
VIN
1-D
, D' = (1-D) =
VIN
VOUT
VIN
COUT
PWM
L
RLOAD
V
IN
L
C
OUT
R
LOAD
X
V
IN
L
C
OUT
R
LOAD
Cycle 1
Cycle 2
(a)
(b)
+
V
OUT
-
+
V
OUT
-
D
LM2622
www.ti.com
SNVS068E – MAY 2000 – REVISED MARCH 2013
OPERATION
(a) First Cycle of Operation
(b) Second Cycle Of Operation
Figure 17. Simplified Boost Converter Diagram
CONTINUOUS CONDUCTION MODE
The LM2622 is a current-mode, PWM boost regulator. A boost regulator steps the input voltage up to a higher
output voltage. In continuous conduction mode (when the inductor current never reaches zero at steady state),
the boost regulator operates in two cycles.
In the first cycle of operation, shown in Figure 17 (a), the transistor is closed and the diode is reverse biased.
Energy is collected in the inductor and the load current is supplied by COUT.
The second cycle is shown in Figure 17 (b). During this cycle, the transistor is open and the diode is forward
biased. The energy stored in the inductor is transferred to the load and output capacitor.
The ratio of these two cycles determines the output voltage. The output voltage is defined approximately as:
where
•
D is the duty cycle of the switch
•
D and D
′ will be required for design calculations
(1)
SETTING THE OUTPUT VOLTAGE
The output voltage is set using the feedback pin and a resistor divider connected to the output as shown in the
typical operating circuit. The feedback pin voltage is 1.26V, so the ratio of the feedback resistors sets the output
voltage according to the following equation:
(2)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com