Electronic Components Datasheet Search
  English  ▼

X  

LM2623AMM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2623AMM
Description  General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2623AMM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2623AMM Datasheet HTML 5Page - Texas Instruments LM2623AMM Datasheet HTML 6Page - Texas Instruments LM2623AMM Datasheet HTML 7Page - Texas Instruments LM2623AMM Datasheet HTML 8Page - Texas Instruments LM2623AMM Datasheet HTML 9Page - Texas Instruments LM2623AMM Datasheet HTML 10Page - Texas Instruments LM2623AMM Datasheet HTML 11Page - Texas Instruments LM2623AMM Datasheet HTML 12Page - Texas Instruments LM2623AMM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LM2623
www.ti.com
SNVS188H – MAY 2004 – REVISED NOVEMBER 2014
Device Functional Modes (continued)
and smaller inductors reduce the ripple in these situations. The frequency being filtered, however, is not the basic
switching frequency. It is a lower frequency determined by the load, the input/output voltage and the circuit
parameters. This mode of operation is useful in situations where the load variation is significant. Power managed
computer systems, for instance, may vary from zero to full load while the system is on and this is usually the
preferred regulation mode for such systems.
7.4.2 Low Voltage Start-Up
The LM2623 can start up from voltages as low as 1.1 V. On start-up, the control circuitry switches the N-channel
MOSFET continuously until the output reaches 3 V. After this output voltage is reached, the normal step-up
regulator feedback and gated oscillator control scheme take over. Once the device is in regulation, it can operate
down to below 0.8 V input, since the internal power for the IC can be boot-strapped from the output using the
VDD pin.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com