Electronic Components Datasheet Search
  English  ▼

X  

LM2623AMM Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2623AMM
Description  General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2623AMM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2623AMM Datasheet HTML 7Page - Texas Instruments LM2623AMM Datasheet HTML 8Page - Texas Instruments LM2623AMM Datasheet HTML 9Page - Texas Instruments LM2623AMM Datasheet HTML 10Page - Texas Instruments LM2623AMM Datasheet HTML 11Page - Texas Instruments LM2623AMM Datasheet HTML 12Page - Texas Instruments LM2623AMM Datasheet HTML 13Page - Texas Instruments LM2623AMM Datasheet HTML 14Page - Texas Instruments LM2623AMM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LM2623
www.ti.com
SNVS188H – MAY 2004 – REVISED NOVEMBER 2014
Typical Application (continued)
8.2.2.3 Setting the Output Voltage
The output voltage of the step-up regulator can be set by connecting a feedback resistive divider made of RF1
and RF2. The resistor values are selected as follows:
RF1 = RF2 * [(VOUT/ 1.24) −1]
(1)
A value of 50k to 100k is suggested for RF2. Then, RF1 can be selected using Equation 1.
8.2.2.4 VDD Supply
The VDD supply must be between 3 V to 5 V for the LM2623. This voltage can be bootstrapped from a much
lower input voltage by simply connecting the VDD pin to VOUT. In the event that the VDD supply voltage is not a
low ripple voltage source (less than 200 millivolts), it may be advisable to use an RC filter to clean it up.
Excessive ripple on VDD may reduce the efficiency.
8.2.2.5 Setting the Switching Frequency
The switching frequency of the oscillator is selected by choosing an external resistor (R3) connected between VIN
and the FREQ pin. See Figure 3 in the Typical Characteristics section of the data sheet for choosing the R3
value to achieve the desired switching frequency. A high switching frequency allows the use of very small surface
mount inductors and capacitors and results in a very small solution size. A switching frequency between 300 kHz
and 2 MHz is recommended.
8.2.2.6 Output Diode Selection
A Schottky diode should be used for the output diode. The forward current rating of the diode should be higher
than the peak input current, and the reverse voltage rating must be higher than the output voltage. Do not use
ordinary rectifier diodes, since slow switching speeds and long recovery times cause the efficiency and the load
regulation to suffer.
8.2.3 Application Curves
VOUT = 5 V
Figure 10. Efficiency vs Output Current
Figure 11. Output Voltage vs Output Current
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com