Electronic Components Datasheet Search
  English  ▼

X  

LM2717MT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2717MT/NOPB
Description  LM2717 Dual Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2717MT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2717MT/NOPB Datasheet HTML 1Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 2Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 3Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 4Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 5Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 6Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 7Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 8Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM2717
www.ti.com
SNVS253D – MAY 2005 – REVISED MARCH 2013
LM2717 Dual Step-Down DC/DC Converter
Check for Samples: LM2717
1
FEATURES
DESCRIPTION
The LM2717 is composed of two PWM DC/DC buck
2
•
Fixed 3.3V Output Buck Converter with a 2.2A,
(step-down) converters. The first converter is used to
0.16
Ω, Internal Switch
generate a fixed output voltage of 3.3V. The second
•
Adjustable Buck Converter with a 3.2A, 0.16
Ω,
converter is used to generate an adjustable output
Internal Switch
voltage. Both converters feature low RDSON (0.16Ω)
internal switches for maximum efficiency. Operating
•
Operating Input Voltage Range of 4V to 20V
frequency
can
be
adjusted
anywhere
between
•
Input Undervoltage Protection
300kHz and 600kHz allowing the use of small
•
300kHz to 600kHz Pin Adjustable Operating
external components. External soft-start pins for each
Frequency
enables the user to tailor the soft-start times to a
specific application. Each converter may also be shut
•
Over Temperature Protection
down independently with its own shutdown pin. The
•
Small 24-Lead TSSOP Package
LM2717 is available in a low profile 24-lead TSSOP
package ensuring a low profile overall solution.
APPLICATIONS
•
TFT-LCD Displays
•
Handheld Devices
•
Portable Applications
•
Laptop Computers
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2717MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2717MT/NOPB TI2-LM2717MT/NOPB Datasheet
647Kb / 21P
LM2717 Dual Step-Down DC/DC Converter
REVISED MARCH 2013
LM2717MT/NOPB.A TI2-LM2717MT/NOPB.A Datasheet
647Kb / 21P
LM2717 Dual Step-Down DC/DC Converter
REVISED MARCH 2013
LM2717MT/NOPB.B TI2-LM2717MT/NOPB.B Datasheet
647Kb / 21P
LM2717 Dual Step-Down DC/DC Converter
REVISED MARCH 2013
More results

Similar Description - LM2717MT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
Dual Step-Down DC/DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
Step-down DC/DC converter
logo
National Semiconductor ...
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717-ADJ TI-LM2717-ADJ_15 Datasheet
1Mb / 24P
LM2717-ADJ Dual Step-Down DC/DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
Step-Down DC-DC Converter
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
Step-Down DC-DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com