Electronic Components Datasheet Search
  English  ▼

X  

LM2717MT/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2717MT/NOPB
Description  LM2717 Dual Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2717MT/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM2717MT/NOPB Datasheet HTML 1Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 2Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 3Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 4Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 5Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 6Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 7Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 8Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LM2717
SNVS253D – MAY 2005 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Top View
Figure 1. 24-Lead TSSOP
See Package Number PW0024A
PIN DESCRIPTIONS
Pin
Name
Function
1
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
2
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
3
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
4
FB1
Fixed buck output voltage feedback input.
5
VC1
Fixed buck compensation network connection. Connected to the output of the voltage error amplifier.
6
VBG
Bandgap connection.
7
VC2
Adjustable buck compensation network connection. Connected to the output of the voltage error
amplifier.
8
FB2
Adjustable buck output voltage feedback input.
9
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
10
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
11
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
12
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
13
SW2
Adjustable buck power switch input. Switch connected between VIN pins and SW2 pin.
14
VIN
Analog power input. VIN pins should be connected together directly at the part.
15
VIN
Analog power input. VIN pins should be connected together directly at the part.
16
CB2
Adjustable buck converter bootstrap capacitor connection.
17
SHDN2
Shutdown pin for adjustable buck converter. Active low.
18
SS2
Adjustable buck soft start pin.
19
FSLCT
Switching frequency select input. Use a resistor to set the frequency anywhere between 300kHz and
600kHz.
20
SS1
Fixed buck soft start pin.
21
SHDN1
Shutdown pin for fixed buck converter. Active low.
22
CB1
Fixed buck converter bootstrap capacitor connection.
23
VIN
Analog power input. VIN pins should be connected together directly at the part.
24
SW1
Fixed buck power switch input. Switch connected between VIN pins and SW1 pin.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com